Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA821 Datasheet HTML 4Page - Texas Instruments INA821 Datasheet HTML 5Page - Texas Instruments INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
6.7 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Table 6-1. Table of Graphs
DESCRIPTION
FIGURE
Typical Distribution of Offset Voltage (RTO) G= 1/2, VS = ±2.25 V
Figure 6-1
Typical Distribution of Offset Voltage (RTO) G= 2, , VS = ±2.25 V
Figure 6-2
Typical Distribution of Offset Voltage (RTO) G= 1/2, , VS = ±18 V
Figure 6-3
Typical Distribution of Offset Voltage (RTO) G= 2, VS = ±18 V
Figure 6-4
Typical Distribution of Offset Voltage Drift (RTO) G = 1/2
Figure 6-5
Typical Distribution of Offset Voltage Drift (RTO) G = 2
Figure 6-6
Output Offset Voltage vs Temperature G = 1/2
Figure 6-7
Output Offset Voltage vs Temperature G = 2
Figure 6-8
Offset Voltage vs Common-Mode Voltage G = 1/2
Figure 6-9
Offset Voltage vs Common-Mode Voltage G = 2
Figure 6-10
Input Bias Current vs Temperature G = 1/2 and G = 2
Figure 6-11
Input Offset Current vs Temperature
Figure 6-12
Input Bias Current vs Common Mode Voltage G = 1/2
Figure 6-13
Input Bias Current vs Common Mode Voltage G = 2
Figure 6-14
Typical CMRR Distribution G = 1/2, VS = ±2.25 V
Figure 6-15
Typical CMRR Distribution G = 2, VS = ±2.25 V
Figure 6-16
Typical CMRR Distribution G = 1/2, VS = ±18 V
Figure 6-17
Typical CMRR Distribution G = 2, VS = ±18 V
Figure 6-18
CMRR vs Temperature G = 1/2
Figure 6-19
CMRR vs Temperature G = 2
Figure 6-20
Common-Mode Rejection Ratio vs Frequency (RTI) G = 1/2 and 2
Figure 6-21
Maximum Output Voltage vs Frequency
Figure 6-22
PSRR vs Temperature G = 1/2
Figure 6-23
PSRR vs Temperature G = 2
Figure 6-24
PSRR vs Frequency (RTI) G = 1/2
Figure 6-25
PSRR vs Frequency (RTI) G = 2
Figure 6-26
Typical Distribution of Gain Error G = 1/2, Vs = ±2.25V
Figure 6-27
Typical Distribution of Gain Error G = 2, Vs = ±2.25V
Figure 6-28
Gain Error vs Temperature G = 1 /2
Figure 6-29
Gain Error vs Temperature G = 2
Figure 6-30
Closed-Loop Gain vs Frequency G = 1/2
Figure 6-31
Closed-Loop Gain vs Frequency G = 2
Figure 6-32
Voltage Noise Spectral Density vs Frequency (RTI) G = 1/2
Figure 6-33
Voltage Noise Spectral Density vs Frequency (RTI) G = 2
Figure 6-34
0.1-Hz to 10-Hz RTI Voltage Noise G = 1/2
Figure 6-35
0.1-Hz to 10-Hz RTI Voltage Noise G = 2
Figure 6-36
Integrated Output Voltage Noise vs Noise Bandwidth G = 1/2
Figure 6-37
Integrated Output Voltage Noise vs Noise Bandwidth G = 2
Figure 6-38
Positive Output Voltage vs Output Current (sourcing) G = 1/2
Figure 6-39
Positive Output Voltage vs Output Current (sourcing) G = 2
Figure 6-40
Negative Output Voltage vs Output Current (sinking) G = 1/2
Figure 6-41
Negative Output Voltage vs Output Current (sinking) G = 2
Figure 6-42
INA592
SBOS914E – OCTOBER 2018 – REVISED FEBRUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com