Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2497 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC2497
Description  Silicon NPN epitaxial planar type(For low-frequency power amplification)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2497 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC2497 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2497 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2497 Datasheet HTML 3Page - Panasonic Semiconductor 2SC2497 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Transistors
189
2SC2497, 2SC2497A
VBE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
VCE(sat)  IC
Cob  VCB
VCER  RBE
ICBO  Ta
0
6
5
4
3
2
1
0
40
80
120
160
(1)With a 100
×100×2mm
Al heat sink
(2)Without heat sink
(1)
(2)
Ambient temperature T
a
(˚C)
0
1.0
3.0
2.0
4.0
3.5
2.5
1.5
0.5
012
210
48
6
TC=25˚C
45mA
40mA
30mA
35mA
20mA
25mA
10mA
5mA
15mA
IB=50mA
Collector to emitter voltage V
CE
(V)
0.01
0.03
0.1
0.3
1
3
10
0.01
0.03
0.1
0.3
1
3
IC/IB=10
–25˚C
25˚C
TC=100˚C
Collector current I
C
(A)
0.01
0.03
0.01
1
0.1
0.03
0.3
0.1
0.3
1
3
10
3
IC/IB=10
TC=–25˚C
25˚C
100˚C
Collector current I
C
(A)
0.01
3
1
0.1
0.03
0.3
1
3
10
30
100
300
1000
VCE=5V
TC=100˚C
25˚C
–25˚C
Collector current I
C
(A)
–0.01 –0.03
–0.1
–0.3
–1
–3
–10
0
240
200
160
120
80
40
VCB=5V
f=200MHz
TC=25˚C
Emitter current I
E
(A)
0
1
240
200
160
120
80
40
3
10
30
100
IE=0
f=1MHz
TC=25˚C
Collector to base voltage V
CB
(V)
0.1
0.3
1
3
10
30
100
0
20
40
60
80
100
10
30
50
70
90
IC=10mA
TC=25˚C
Base to emitter resistance R
BE
(k
Ω)
1
10
102
103
104
180
140
100
60
20
0
40
80
120
160
VCB=40V
Ambient temperature T
a
(˚C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com