Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2040RG Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MBR2040RG
Description  Low power loss,high efficiency High surge capacity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MBR2040RG Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MBR2040RG Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR2040RG Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MBR2040RG Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute Maximum Ratings
(Ta=25℃ unless otherwise noted)
PARAMETER
Symbol
MBR
2040
RG
MBR
2045
RG
MBR
2050
RG
MBR
2060
RG
MBR
2080
RG
MBR
2090
RG
MBR
20100
RG
MBR
20150
RG
MBR
20200
RG
Unit
Maximum Recurrent Peak
Reverse Voltage
VRRM
40
45
50
60
80
90
100
150
200
V
Maximum RMS Voltage
VRMS
28
31.5
35
42
56
63
70
105
140
V
Maximum DC Blocking Voltage
VR(DC)
40
45
50
60
80
90
100
150
200
V
Maximum Average Forward
Current
IF(AV)
20
A
Peak Forward Surge
Current:8.3ms single half
sine-wave superimposed on
rated load (JEDEC method)
IFSM
200
A
Maximum Forward Voltage
at 1
0A per leg
VF
0.65
0.72
0.8
5
0.9
5
V
Maximum DC
Reverse Current
at Rated DC
Blocking Voltage
Tj=25℃
IR
0.1
mA
Tj=125℃
20
mA
Maximum Operating Junction
Temperature
Tj
150
175
℃
Storage Temperature
Tstg
-55~+ 150
-65~+175
℃
Typical Thermal Resistance
R θJC
1.4
℃/W
Features:
□ Low power loss,high efficiency.
High surge capacity
□ For use in low voltage,high frequency inverters,
free wheeling,and polarity protection applications.
□ Metal silicon junction,majority carrier conduction.
□ High current Capability,low forward voltage drop.
□ Guard ring for over voltage protection.
1.Anode
2.Cathode
3. Anode
TO-263
MBR2040RG-MBR20200RG
-
Rev :
www.leiditech.com
01.06.2018
1/3


Similar Part No. - MBR2040RG

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR2040 MCC-MBR2040 Datasheet
98Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2040 MCC-MBR2040 Datasheet
107Kb / 3P
20 Amp Schottky Barrier Rectifier 20 to 200 Volts
logo
Kersemi Electronic Co.,...
MBR2040 KERSEMI-MBR2040 Datasheet
820Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2040 KERSEMI-MBR2040 Datasheet
470Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2040 KERSEMI-MBR2040 Datasheet
459Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR2040RG

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
SS52U DYELEC-SS52U Datasheet
1Mb / 2P
Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
Low Power loss, High efficiency
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
Low power loss, high efficiency
logo
SHENZHEN DOINGTER SEMIC...
MBRD10200CT DOINGTER-MBRD10200CT Datasheet
695Kb / 1P
Low power loss, high efficiency, High surge capacity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com