Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74HCS138 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS138
Description  SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS138 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SN74HCS138 Datasheet HTML 10Page - Texas Instruments SN74HCS138 Datasheet HTML 11Page - Texas Instruments SN74HCS138 Datasheet HTML 12Page - Texas Instruments SN74HCS138 Datasheet HTML 13Page - Texas Instruments SN74HCS138 Datasheet HTML 14Page - Texas Instruments SN74HCS138 Datasheet HTML 15Page - Texas Instruments SN74HCS138 Datasheet HTML 16Page - Texas Instruments SN74HCS138 Datasheet HTML 17Page - Texas Instruments SN74HCS138 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
2. Ensure the capacitive load at the output is ≤ 50 pF. This is not a hard limit, however it will ensure
optimal performance. This can be accomplished by providing short, appropriately sized traces from the
SN74HCS138-Q1 to the receiving device(s).
3. Ensure the resistive load at the output is larger than (VCC / IO(max)) Ω. This will ensure that the maximum
output current from the Absolute Maximum Ratings is not violated. Most CMOS inputs have a resistive load
measured in megaohms; much larger than the minimum calculated above.
4. Thermal issues are rarely a concern for logic gates, however the power consumption and thermal increase
can be calculated using the steps provided in the application report, CMOS Power Consumption and Cpd
Calculation.
9.2.3 Application Curve
A
0
A
1
A
2
Y
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
G
2
Figure 9-2. Application timing diagram
SN74HCS138-Q1
SCLS811B – SEPTEMBER 2020 – REVISED MARCH 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HCS138-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com