Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2634 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2634
Description  Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2634 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2634 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2634 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC2634
Silicon NPN epitaxial planer type
For low-frequency and low-noise amplification
Complementary to 2SA1127
s Features
q
Low noise voltage NV.
q
High foward current transfer ratio hFE.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
60
55
7
200
100
400
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter voltage
Transition frequency
Noise voltage
Symbol
ICBO
ICEO
VCBO
VCEO
VEBO
hFE
*
VCE(sat)
VBE
fT
NV
Conditions
VCB = 10V, IE = 0
VCE = 10V, IB = 0
IC = 10µA, IE = 0
IC = 1mA, IB = 0
IE = 10µA, IC = 0
VCE = 5V, IC = 2mA
ICE = 100mA, IB = 10mA
VCE = 1V, IC = 30mA
VCB = 5V, IE = –2mA, f = 200MHz
VCE = 10V, IC = 1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
min
60
55
7
180
typ
1
0.01
200
max
100
1
700
0.6
1
150
Unit
nA
µA
V
V
V
V
V
MHz
mV
*h
FE Rank classification
Rank
R
S
T
hFE
180 ~ 360
260 ~ 520
360 ~ 700


Similar Part No. - 2SC2634

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC2630 MITSUBISHI-2SC2630 Datasheet
135Kb / 3P
NPN EPITAXIAL PLANAR TYPE(RF POWER TRANSISTOR)?
logo
Panasonic Semiconductor
2SC2631 PANASONIC-2SC2631 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type
2SC2631 PANASONIC-2SC2631 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC2632 PANASONIC-2SC2632 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
logo
Foshan Blue Rocket Elec...
2SC2632 FOSHAN-2SC2632 Datasheet
958Kb / 6P
Silicon NPN transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SC2634

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1036 PANASONIC-2SB1036 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)
2SB745 PANASONIC-2SB745 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(For low-frequency and low-noise amplification)
2SC3311A PANASONIC-2SC3311A Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SC3312 PANASONIC-2SC3312 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1149 PANASONIC-2SD1149 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1199 PANASONIC-2SD1199 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1458 PANASONIC-2SD1458 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1993 PANASONIC-2SD1993 Datasheet
40Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
2SD661 PANASONIC-2SD661 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For low-frequency and low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com