Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3450G Datasheet(PDF) 97 Page - Micronas

Part # MSP3450G
Description  Multistandard Sound Processor Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3450G Datasheet(HTML) 97 Page - Micronas

Back Button MSP3450G Datasheet HTML 93Page - Micronas MSP3450G Datasheet HTML 94Page - Micronas MSP3450G Datasheet HTML 95Page - Micronas MSP3450G Datasheet HTML 96Page - Micronas MSP3450G Datasheet HTML 97Page - Micronas MSP3450G Datasheet HTML 98Page - Micronas MSP3450G Datasheet HTML 99Page - Micronas MSP3450G Datasheet HTML 100Page - Micronas MSP3450G Datasheet HTML 101Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
DATA SHEET
MSP 34x0G
Micronas
May 27, 2003; 6251-476-1DS
97
6.4. Manual/Compatibility Mode:
Description of Demodulator Read Registers
Note: The use of these register is no longer recom-
mended. It should be used only in cases where
software compatibility to the MSP 34x0D is
required. Using the STANDARD SELECTION
register together with the STATUS register pro-
vides a more economic way to program the
MSP 34x0G and to retrieve information from the
IC.
All registers except C_AD_BITs are 8 bits wide. They
can be read out of the RAM of the MSP 34x0G if the
MSP 34x0D Manual/Compatibility Mode is required.
All transmissions take place in 16-bit words. The valid
8-bit data are the 8 LSBs of the received data word.
If the Automatic Sound Select feature is not used, the
NICAM or FM-identification parameters must be read
and evaluated by the controller in order to enable
appropriate switching of the channel select matrix of
the baseband processing part. The FM-identification
registers are described in section 6.6.1. To handle the
NICAM-sound and to observe the NICAM-quality, at
least the registers C_AD_BITS and ERROR_RATE
must be read and evaluated by the controller. Addi-
tional data bits and CIB bits, if supplied by the NICAM
transmitter, can be obtained by reading the registers
ADD_BITS and CIB_BITS.
6.4.1. NICAM Mode Control/Additional Data Bits
Register
NICAM operation mode control bits and A[2:0] of the
additional data bits.
Format:
Important: “S” = Bit[0] indicates correct NICAM-syn-
chronization (S = 1). If S = 0, the MSP 3410/3450G
has not yet synchronized correctly to frame and
sequence, or has lost synchronization. The remaining
read registers are therefore not valid. The MSP mutes
the NICAM output automatically and tries to synchro-
nize again as long as MODE_REG[6] is set.
The operation mode is coded by C4-C1 as shown in
Table 6–16.
Note: It is no longer necessary to read out and evalu-
ate the C_AD_BITS. All evaluation is performed in the
MSP and indicated in the STATUS register.
6.4.2. Additional Data Bits Register
Contains the remaining 8 of the 11 additional data bits.
The additional data bits are not yet defined by the
NICAM 728 system.
Format:
6.4.3. CIB Bits Register
CIB bits 1 and 2 (see NICAM 728 specifications).
Format:
MSB
C_AD_BITS 00 23hex
LSB
11
...
76543
210
Auto
_FM
...
A[2]
A[1]
A[0]
C4
C3
C2
C1
S
Table 6–16: NICAM operation modes as defined by
the EBU NICAM 728 specification
C4
C3
C2
C1
Operation Mode
0
0
0
0
Stereo sound (NICAMA/B),
independent mono sound (FM1)
0
0
0
1
Two independent mono signals
(NICAMA, FM1)
0
0
1
0
Three independent mono channels
(NICAMA, NICAMB, FM1)
0
0
1
1
Data transmission only; no audio
1
0
0
0
Stereo sound (NICAMA/B), FM1
carries same channel
1
0
0
1
One mono signal (NICAMA). FM1
carries same channel as NICAMA
1
0
1
0
Two independent mono channels
(NICAMA, NICAMB). FM1 carries
same channel as NICAMA
1
0
1
1
Data transmission only; no audio
x
1
x
x
Unimplemented sound coding
option (not yet defined by EBU
NICAM 728 specification)
AUTO_FM: monitor bit for the AUTO_FM Status:
0: NICAM source is NICAM
1: NICAM source is FM
MSB
ADD_BITS 00 38hex
LSB
765
43210
A[10]
A[9]
A[8]
A[7]
A[6]
A[5]
A[4]
A[3]
MSB
CIB_BITS 00 3Ehex
LSB
76543210
xxxxxx
CIB1
CIB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com