Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHA15DW2RPS Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHA15DW2RPS
Description  SSR - 240V 15/25A (RMS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHA15DW2RPS Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHA15DW2RPS Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHA15DW2RPS Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHA15DW2RPS Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PHA15DW2RP PHA15DW2RPS
PHA25DW2RP PHA25DW2RPS
SSR
240V 15 / 25A (RMS)
CharacteristicsandRatings
Function
* SinglePole,Single Throw NormallyOpen
* With ZeroCrossingVoltage Switching Circuit
* EquippedHeatSinkStandard
Futures
*EasyInstallationwithDINRailMounting
* LowNoiseSwitchingandRushCurrent
* SpaceSaveMounting
*HighVoltageIsolation
Characteristics/Ratings
Parameter
Symbol
PHA15DW2RP PHA15DW2RPS PHA25DW2RP PHA25DW2RPS
Unit
Output
RatedVoltage
V(RMS)
240
V
A.C.Line Voltage Range
V(RMS)
60 to 280
V
OperatingFrequency
f
47 to 63
HZ
MaximumLoadCurrent
IT(RMS)
15
25
A
Non-repetitiveOneCycleSurgeCurrent
ITSM
150
250
A
MinimumOperatingCurrent
Iop(RMS)
100
mA
Maximumoff-stateLeakageCurrent
Ileak(RMS)
9.0
mA
Maximum on-sateVoltageDrop
VT(RMS)
1.6
V
ResponseTime
T(rps)
1/2Cycle+1mS
-
Input
ControlSignalVoltageRange
IIN(DC)
4.5 to 30
V
InputCurrent
IF(DC)
10
mA
Pick-upVoltage
PUV
4.5
V
Drop-outVoltage
DOV
1.0
V
Input/Output
ACIsolationVoltage (BetweenInput,
OutputTerminalsandBase)
Viso(RMS)
2500
4000*1
2500
4000*1
V
Capacitance(Betweeninputandoutput
C(i-o)
100
pF
OperatingTemperatureRange
Top
-30 to +80
°C
StorageTemperatureRange
Tstg
-35 to +100
°C
*1: When the maximum insulation characteristic is necessary , we recommended the use of the insulation sheet.


Similar Part No. - PHA15DW2RPS

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHA15DW2RPS NIEC-PHA15DW2RPS Datasheet
256Kb / 3P
SSR
More results

Similar Description - PHA15DW2RPS

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
D2W130CD NIEC-D2W130CD Datasheet
165Kb / 3P
SSR - 120/240V 30A (RMS)
D2W140CD NIEC-D2W140CD Datasheet
162Kb / 3P
SSR - 120/240V 40A (RMS)
logo
Sharp Corporation
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
PR22MA11NTZ SHARP-PR22MA11NTZ Datasheet
268Kb / 14P
IT(rms)??.15A, Non-Zero Cross type DIP 6pin SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
logo
National Instruments Co...
PHA15_25DW2RP NI-PHA15_25DW2RP_15 Datasheet
256Kb / 3P
240V 15A / 25A
logo
Schneider Electric
HOM225 SCHNEIDER-HOM225 Datasheet
110Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 25A
Nov 22, 2019
HOM225CP SCHNEIDER-HOM225CP Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 25A
Nov 22, 2019
HOM2255219 SCHNEIDER-HOM2255219 Datasheet
150Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 25A
Nov 22, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com