Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C1664H Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V53C1664H
Description  HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C1664H Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V53C1664H Datasheet HTML 1Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 2Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 3Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 4Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 5Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 6Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 7Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 8Page - Mosel Vitelic, Corp V53C1664H Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
V53C1664H Rev. 1.0 February 1998
MOSEL VITELIC
V53C1664H
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
NC
A7
A6
A5
A4
Vss
5
6
7
8
9
10
11
12
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
40
39
38
37
36
35
34
33
32
31
30
29
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
16126H-02
5
6
7
8
9
10
Vcc
I/O1
I/O2
I/O3
I/O4
Vcc
I/O5
I/O6
I/O7
I/O8
NC
NC
WE
RAS
NC
A0
A1
A2
A3
Vcc
1
2
3
4
16126H-03
43
44
42
41
40
39
38
37
36
35
13
14
15
16
17
18
19
20
21
22
32
31
30
29
28
27
26
25
24
23
Vss
I/O16
I/O15
I/O14
I/O13
Vss
I/O12
I/O11
I/O10
I/O9
NC
LCAS
UCAS
OE
NC
A7
A6
A5
A4
Vss
Absolute Maximum Ratings*
Ambient Temperature
Under Bias ................................ –10
°C to +80°C
Storage Temperature (plastic) ..... –55
°C to +125°C
Voltage Relative to VSS .................–1.0 V to +7.0 V
Data Output Current ..................................... 50 mA
Power Dissipation .......................................... 1.0 W
*Note: Operation above Absolute Maximum Ratings can
adversely affect device reliability.
Capacitance*
TA = 25°C, VCC = 5 V ± 10%, VSS = 0 V
*Note: Capacitance is sampled and not 100% tested
Symbol
Parameter
Typ.
Max.
Unit
CIN1
Address Input
3
4
pF
CIN2
RAS, CAS, WE, OE
4
5
pF
COUT
Data Input/Output
5
7
pF
40-Pin Plastic SOJ
PIN CONFIGURATION
Top View
40/44L-Pin Plastic TSOP-II
PIN CONFIGURATION
Top View
Pin Names
A0–A7
Address Inputs
RAS
Row Address Strobe
UCAS
Column Address
Strobe/Upper Byte
Control
LCAS
Column Address
Strobe/Lower Byte
Control
WE
Write Enable
OE
Output Enable
I/O1–I/O16
Data Input, Output
VCC
+5V Supply
VSS
0V Supply
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com