Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV08CAS Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTV08CAS
Description  Dual Transient Voltage Suppressors Array for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV08CAS Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTV08CAS Datasheet HTML 1Page - First Silicon Co., Ltd FTV08CAS Datasheet HTML 2Page - First Silicon Co., Ltd FTV08CAS Datasheet HTML 3Page - First Silicon Co., Ltd FTV08CAS Datasheet HTML 4Page - First Silicon Co., Ltd FTV08CAS Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2012. 12. 10
2/5
Revision No : 0
FTV05CAS
Electrical Characteristics
Maximum
Leakage
Current
Minimum
Breakdown
Voltage
Maximum
Clamping
Voltage
Maximum
Pulse Peak
Current
Maximum
Capacitance
Rated
Stand-off
Voltage
@ VRM
1mA
1A 1) 5A 1)
tp=8/20us
0v, 1MHz
VRM
IRM
VBR
VCL
IPPM
C
Part Numbers
V
µA
V
V
V
A
pF
4.0
20.0
5.0
8.5
10.5
17
300
5.0
5.0
6.0
9.8
12.5
17
220
8.0
5.0
8.5
13.4
15.0
15
190
12.0
1.0
13.3
19.0
28.0
12
90
15.0
1.0
16.7
24
39.0
10
60
1).8/20 waveform used. (see fig2.)
Typical Characteristics
Fig1. Peak Pulse Power
VS Pulse Time
Electrical Parameter
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPPM
Peak pulse current
FTV04CAS
FTV05CAS
FTV08CAS
FTV12CAS
FTV15CAS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com