Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV10BLDFN0603 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTV10BLDFN0603
Description  ESD Protection Diodes with Ultra?묹ow Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV10BLDFN0603 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTV10BLDFN0603 Datasheet HTML 1Page - First Silicon Co., Ltd FTV10BLDFN0603 Datasheet HTML 2Page - First Silicon Co., Ltd FTV10BLDFN0603 Datasheet HTML 3Page - First Silicon Co., Ltd FTV10BLDFN0603 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2015. 12. 10
3/4
Revision No : 0
IEC 61000−4−2 Spec.
Level
Test
Voltage
(kV)
First Peak
Current
(A)
Current at
30 ns (A)
Current at
60 ns (A)
1
2
7.5
4
2
2
4
15
8
4
3
6
22.5
12
6
4
8
30
16
8
Ipeak
90%
10%
IEC61000−4−2 Waveform
100%
I @ 30ns
I @ 60ns
tP = 0.7ns to 1ns
Figure 3. IEC61000−4−2 Spec
Figure 4.8 X 20us Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
0
20
40
60
80
t, TIME (us)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8us
PEAK VALUE IRSM @ 8us
HALF VALUE IRSM/2 @ 20us
FTV10BLDFN0603



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com