Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2647 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2647
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2647 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2647 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2647 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2647 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC2647
Silicon NPN epitaxial planer type
For high-frequency amplification
s Features
q
Optimum for RF amplification, oscillation, mixing, and IF of FM/
AM radios.
q
M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–71
3:Emitter
M Type Mold Package
6.9
±0.1
0.55
±0.1
0.45
±0.05
2.5
±0.1
1.0
1.5
1.5 R0.9
R0.9
0.85
2.5
2.5
1
2
3
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
5
30
400
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Transition frequency
Common emitter reverse transfer capacitance
Reverse transfer impedance
Symbol
VCBO
VCEO
VEBO
hFE
*
fT
Cre
Zrb
Conditions
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCB = 10V, IE = –1mA
VCB = 10V, IE = –1mA, f = 200MHz
VCE = 10V, IC = 1mA, f = 10.7MHz
VCB = 10V, IE = –1mA
min
30
20
5
70
150
typ
230
1.3
max
250
1.6
60
Unit
V
V
V
MHz
pF
Ω
*h
FE Rank classification
Rank
B
C
hFE
70 ~ 160
110 ~ 250


Similar Part No. - 2SC2647

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2640 TOSHIBA-2SC2640 Datasheet
117Kb / 2P
TRANSISTOR (VHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2641 TOSHIBA-2SC2641 Datasheet
119Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
2SC2642 TOSHIBA-2SC2642 Datasheet
118Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
logo
New Jersey Semi-Conduct...
2SC2642 NJSEMI-2SC2642 Datasheet
153Kb / 1P
UHF BAND AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2643 TOSHIBA-2SC2643 Datasheet
119Kb / 2P
TRANSISTOR (UHF BAND POWER AMPLIFIER APPLICATIONS)
More results

Similar Description - 2SC2647

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1047 PANASONIC-2SC1047 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com