Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5935Q Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5935Q
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5935Q Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5935Q Datasheet HTML 1Page - Panasonic Semiconductor 2SC5935Q Datasheet HTML 2Page - Panasonic Semiconductor 2SC5935Q Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: July 2004
SJD00318AED
2SC5935
Silicon NPN triple diffusion planar type
For power amplification
For TV vertical deflection output
■ Features
• Satisfactory linearity of forward current transfer ratio h
FE
• Dielectric breakdown voltage of the package: 5 kV
• Full-pack package which can be installed to the heat sink with one
screw.
■ Absolute Maximum Ratings T
C
= 25°C
■ Electrical Characteristics T
C
= 25°C ± 3°C
Unit: mm
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
1: Base
2: Collector
3: Emitter
TO-220D-A1 Package
Rank
Q
P
hFE1
60 to 140
100 to 240
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
200
V
Collector-emitter voltage (Base open)
VCEO
180
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
2A
Peak collector current
ICP
3A
Collector power
PC
25
W
dissipation
Ta = 25°C
2.0
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 50 µA, IE = 0
200
V
Collector-emitter voltage (Base open)
VCEO
IC = 5 mA, IB = 0
180
V
Emitter-base voltage (Collector open)
VEBO
IE
= 500 µA, I
C
= 06
V
Base-emitter voltage
VBE
VCE = 10 V, IC = 400 mA
1
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 200 V, IE = 050
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 4 V, I
C
= 050
µA
Forward current transfer ratio
hFE1 *
VCE = 10 V, IC = 150 mA
60
240
hFE2
VCE = 10 V, IC = 400 mA
50
Collector-emitter saturation voltage
VCE(sat)
IC
= 500 mA, I
B
= 50 mA
1
V
Transition frequency
fT
VCE = 10 V, IC = 0.5 A, f = 1 MHz
20
MHz
1.4±0.2
1.6±0.2
0.8±0.1
0.55±0.15
2.54±0.30
5.08±0.50
12
3
2.6±0.1
2.9±0.2
4.6±0.2
φ 3.2±0.1
9.9±0.3


Similar Part No. - 2SC5935Q

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5930 TOSHIBA-2SC5930 Datasheet
142Kb / 5P
Silicon NPN Triple Diffused Type (PCT Process) High-Speed and High-Voltage Switching Applications
2SC5930 TOSHIBA-2SC5930 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Panasonic Semiconductor
2SC5931 PANASONIC-2SC5931 Datasheet
67Kb / 3P
Silicon NPN triple diffusion mesa type
logo
Sanyo Semicon Device
2SC5932 SANYO-2SC5932 Datasheet
52Kb / 3P
2SC5932
2SC5933 SANYO-2SC5933 Datasheet
52Kb / 3P
2SC5933
More results

Similar Description - 2SC5935Q

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com