Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IB034S Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # IB034S
Description  Infinitesimal surface mount bridge rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

IB034S Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  IB034S Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. IB034S Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. IB034S Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IB034S~IB0310S
Infinitesimal surface mount bridge rectifier
Features
●
Low profile space
●
Ideal for printed circuit board
●
Low reverse leakage
●
Applicated in LED lighting
●
High ring wave immunity capability
●
High temperature soldering guaranteed:
260°C/10 seconds
●
Component in accordance to
RoHS 2011/65/EU and WEEE 2002/96/EC
Mechanical Data
●
Case:IBS
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
●
Terminals: Solder plated, solderable per
Major Ratings and Characteristics
MIL-STD-750, Method 2026
●
Polarity: Mark a dot at the positive position
The other end on the same side is negative
AC pole is on the other side
●
Mounting Position: Any
Maximum Ratings & Thermal Characteristics (T
A=25℃ unless otherwise noted)
Items
400
280
Note 1:On 1.6mm thick glass epoxy P.C.B.(1OZ) mounted on 0.05 x 0.05" (1.3 x 1.3 mm) solder pads.
Note 2:On1.6mm thick aluminum substrate P.C.B.(1OZ) with an area of 0.8" x 0.8" (20 x 20 mm) mounted on 0.05 x 0.05" (1.3 x 1.3
mm) solder pad.
A
2s
V
IF(AV)
0.3A
400V to1000V
16A
0.92V
125°C
VRRM
IFSM
VF
TJmax.
VRMS
V
V
VDC
VRRM
Symbol
Unit
℃
I
2t
RθJA
(2)
TJ ,TSTG
RθJA
(1)
67
-55 to +125
Thermal resistance from junction to ambient
Operating junction and storage temperature range
Thermal resistance from junction to lead
RθJL
35
IB0310S
IB038S
IB036S
IB034S
Average forward rectified current
IF(AV)
A
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
Rating for fusing (t < 8.3 ms)
800
1000
420
560
700
600
800
1000
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Marking
-
03B4
03B5
03B6
03B7
-
0.3
16
1.05
180
A
IFSM
℃/W
400
600
03B7
+
~
-
~
http://www.trr-jx.com
version: 02


Similar Part No. - IB034S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
IB034S LEIDITECH-IB034S Datasheet
817Kb / 3P
Infinitesimal surface mount bridge rectifier
More results

Similar Description - IB034S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
Shanghai Leiditech Elec...
IB034S LEIDITECH-IB034S Datasheet
817Kb / 3P
Infinitesimal surface mount bridge rectifier
IB054S LEIDITECH-IB054S Datasheet
864Kb / 3P
Infinitesimal surface mount bridge rectifier
VMB4S LEIDITECH-VMB4S Datasheet
1Mb / 4P
Infinitesimal surface mount bridge rectifier
logo
Guangdong Juxing Electr...
IB054S JUXING-IB054S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
VMB4S JUXING-VMB4S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
VMB054S JUXING-VMB054S Datasheet
1Mb / 3P
Infinitesimal surface mount bridge rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com