Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-53210D-C1-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-53210D-C1-R0
Description  21.00 x 21.00 x 9.50 mm BGA Heat Sink - High Performance Straight Fin w/maxiGRIP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.

ATS-53210D-C1-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-53210D-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev - 040517
BGA Heat Sink - High Performance
Straight Fin w/maxiGRIP
*Image above is for illustration purpose only.
ATS Part#:
ATS-53210D-C1-R0
Description:
21.00 x 21.00 x 9.50 mm BGA Heat Sink - High Performance Straight Fin
w/maxiGRIP
Heat Sink Type:
Straight Fin
Heat Sink Attachment:
maxiGRIP
Equivalent Part Number:
ATS-53210D-C2-R0 Discontinued
Features & Benefits
High aspect ratio, straight fin heat sinks that are ideal for compact PCB environments
maxiGRIP™ attachment applies steady, even pressure to the component and does not require holes in the PCB
Designed specifically for BGAs and other surface mount packages
Meets Telcordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock Testing and
Unpackaged Drop Testing standards
Comes preassembled with high performance, phase changing, thermal interface material
Thermal Performance
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
20.2 °C/W
16.2 °C/W
14 °C/W
12.5 °C/W
11.5 °C/W
10.6 °C/W
10 °C/W
Ducted Flow
10.9
N/A
N/A
N/A
N/A
N/A
N/A
Product Detail
Schematic Image
Dimension A
Dimension B
Dimension C
Dimension D
TIM
Finish
*Image above is for illustration purpose only.
21.00 mm
21.00 mm
9.50 mm
N/A mm
T766
BLACK-ANODIZED
Notes:
Dimension A and B refer to component size.
Dimension C is the heat sink height from the bottom of the base to the top of the fin field.
ATS-53210D-C2-R0 is the exact heat sink assembly with an equivalent thermal interface material
(Saint Gobain C1100F). NOTE: Saint Gobain C1100F is discontinued effective 12/31/10.
Thermal performance data are provided for reference only. Actual performance may vary by
application.
ATS reserves the right to update or change its products without notice to improve the design or
performance.
ATS certifies that this heat sink assembly is RoHS-6 and REACH compliant.
Optional maxiGRIP™ Installation/Removal Tool Set P/N: MGT170
Contact ATS to learn about custom options available.
For more information, to find a distributor or to place an order, please contact us at
781-769-2800 (North America), sales@qats.com or www.qats.com.
© 2013 Advanced Thermal Solutions, Inc. | 89-27 Access Road | Norwood MA | 02062 | USA


Similar Part No. - ATS-53210D-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-53210D-C2-R0 ATS-ATS-53210D-C2-R0 Datasheet
287Kb / 1P
High Performance BGA Cooling
REV1_0908
More results

Similar Description - ATS-53210D-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS010010021-SF-1T ATS-ATS010010021-SF-1T Datasheet
418Kb / 1P
10.00 x 10.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS012012021-SF-2T ATS-ATS012012021-SF-2T Datasheet
418Kb / 1P
12.00 x 12.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS015015021-SF-4T ATS-ATS015015021-SF-4T Datasheet
418Kb / 1P
15.00 x 15.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS019019021-SF-6T ATS-ATS019019021-SF-6T Datasheet
418Kb / 1P
19.00 x 19.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS020020021-SF-7T ATS-ATS020020021-SF-7T Datasheet
418Kb / 1P
20.00 x 20.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS024024021-SF-8T ATS-ATS024024021-SF-8T Datasheet
418Kb / 1P
24.00 x 24.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 040413
ATS031031021-SF-10T ATS-ATS031031021-SF-10T Datasheet
418Kb / 1P
31.00 x 31.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
ATS042042021-SF-14T ATS-ATS042042021-SF-14T Datasheet
416Kb / 1P
42.00 x 42.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext,) Straight Fin
Rev - 050413
ATS060060021-SF-16T ATS-ATS060060021-SF-16T Datasheet
416Kb / 1P
60.00 x 60.00 x 21.00 mm BGA Heat Sink (High Aspect Ratio Ext.) Straight Fin
Rev - 050413
ATS-53450D-C1-R0 ATS-ATS-53450D-C1-R0 Datasheet
266Kb / 1P
45.00 x 45.00 x 9.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com