Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA94 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MMBTA94
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MMBTA94 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  MMBTA94 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA94 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA94 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA94 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA94 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
V
V
V
nA
Current Gain-Bandwidth Product
VCE(set)
VBE(set)
fT
V
V
MHZ
IC=-1mA,IB=0
---
IC=-100μA,IE=0
---
IE=-100μA,IC=0
-5.0
---
VCB=-400V,IE=0
---
-100
IC=-10mA,VCE=-20V
IC=-50mA,IB=-5mA
---
-0.30
IC=-10mA,IB=-1mA
---
-0.75
f=30MHZ
50
---
-400
-400
MMBTA94
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
MMBTA94
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
Parameter
Collector cut-off Current
ICEO
Emitter cut-off Current
IEBO
μA
nA
DC Current Gain
hFE(1)
VCE=-400V,IB= 0
---
VEB=-4V,Ic=0
---
-100
IC=-1mA,VCE=-10V
70
IC=-50mA,VCE=-10V
40
IC=-10mA,VCE=-10V
-5
---
hFE(2)
hFE(3)
80
---
300
IC=-10mA,IB=-1mA
---
-0.20
IC=-100mA,VCE=-10V
40
hFE(4)
---



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com