Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC0511CDN Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC0511CDN
Description  1-Line Bi-directional Low Capacitance TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC0511CDN Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC0511CDN Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC0511CDN Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC0511CDN Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LC0511CDN
1-Line Bi-directional Low Capacitance TVS Diode
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±15kV
Contact discharge: ±8kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 7A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN1006
Pin Configuration
Mechanical Characteristics
●
Package: DFN1006
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:10,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
90
W
ESD per IEC 61000−4−2 (Air)
VESD
±15
Kv
ESD per IEC 61000−4−2 (Contact)
±8
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - LC0511CDN

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
USB 2.0 power and data line
More results

Similar Description - LC0511CDN

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0511D3 APMICRO-AR0511D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0611D3H APMICRO-AR0611D3H Datasheet
623Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0811D3 APMICRO-AR0811D3 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR1211D3 APMICRO-AR1211D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR2411D3 APMICRO-AR2411D3 Datasheet
518Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AU0561P0 APMICRO-AU0561P0 Datasheet
585Kb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
logo
TECH PUBLIC Electronics...
ESD3V3B03-323 TECHPUBLIC-ESD3V3B03-323 Datasheet
2Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
TPGC03C-TPGC30C TECHPUBLIC-TPGC03C-TPGC30C Datasheet
3Mb / 6P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
WS05DLC-B LEIDITECH-WS05DLC-B Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
ULC0542CT LEIDITECH-ULC0542CT Datasheet
1Mb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com