Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32010 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32010
Description  25V Span, 1.2A Device Power Supply (DPS)
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32010 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32010 Datasheet HTML 1Page - Maxim Integrated Products MAX32010 Datasheet HTML 2Page - Maxim Integrated Products MAX32010 Datasheet HTML 3Page - Maxim Integrated Products MAX32010 Datasheet HTML 4Page - Maxim Integrated Products MAX32010 Datasheet HTML 5Page - Maxim Integrated Products MAX32010 Datasheet HTML 6Page - Maxim Integrated Products MAX32010 Datasheet HTML 7Page - Maxim Integrated Products MAX32010 Datasheet HTML 8Page - Maxim Integrated Products MAX32010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
MAX32010
25V Span, 1.2A Device Power Supply (DPS)
www.maximintegrated.com
Maxim Integrated | 4
(VCC = +12V, VEE = -12V, VL = +3.3V, CC1 = 350pF, CL = CMEAS = CIMEAS = 100pF, TJ = +30°C to +100°C; Typical values are at
TJ = +30°C, unless otherwise specified.) (Note 1, Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Linearity Error
ILER
Gain, offset, and CMR errors calibrated
out; VIOSI = -0.2V and +4.4V; ranges B, C,
and D (Note 4, Note 5, Note 7)
±0.02
%FSR
Rejection of Output
Error Due to Common-
Mode Load Voltage
CMROER
Range D, IOUT = 0, VRCOMF = (VEE + 2.5V)
and (VCC - 2.5V), measured across RD
0.001
0.005
%FSR/V
CURRENT MONITOR
Measured Current
Range
IDUTM
Range D
±200
µA
Range C
±2
mA
Range B
±20
Range A
±1200
Current-Sense-Amp
Voltage Range
VISENSE
IOSI = AGND
-4
+4
V
VIOSI = VAGND + 4V
0
+8
Current-Sense-Amp
Offset Voltage Input
VIOSI
Relative to AGND
-0.2
+4.4
V
Current-Sense-Amp
Offset
IMOS
(Note 4)
VRCOMF = 0V
±0.1
±0.5
%FSR
Measured-Current
Offset Temperature
Coefficient
IMOSTC
±20
ppm/°C
Gain Error
IMGE
VRCOMF = 0V, IOUT = ±FSR
±1
%
Measured-Current Gain
Temperature Coefficient
IMGTC
±20
ppm/°C
Linearity Error
IMLE
(Note 4, Note 5)
Gain, offset, and
CMR errors
calibrated out; VIOSI
= -0.2V and +4.4V,
range B
±0.02
%FSR
Rejection of Output
Error Due to Common-
Mode Load Voltage
CMRMOE
Range D, IOUT = 0A, VRCOMF = (VEE +
2.5V) and (VCC - 2.5V)
0.001
0.005
%FSR/V
VOLTAGE MONITOR
Measured Output
Voltage Range
VDUTM
Gain = +1, IOSV = AGND
VEE + 2.5
VCC - 2.5
V
Voltage-Sense-Amp
Offset Voltage Input
VIOSV
Relative to AGND
-0.2
+4.4
V
Voltage-Sense-Amp
Measured Offset
VDUTMO
Gain = +1
±25
mV
Measured Voltage
Offset Temperature
Coefficient
VDUTMOSTC
±10
μV/°C
VDUTGE
Gain = +1
±1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com