Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9012 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # S9012
Description  PNP General purpose Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

S9012 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  S9012 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. S9012 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. S9012 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. S9012 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. S9012 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S9012
Item
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V (BR)CEO
Collector-Base Breakdown Voltage
V (BR)CBO
Emitter-Base Breakdown Voltage
V (BR)EBO
Collector cut-off Current
ICBO
Collector cut-off Current
ICEO
Emitter cut-off Current
IEBO
Collector-Emitter Saturati
on Voltage
Base-Emitter Saturation Voltage
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
Vdc
Vdc
Vdc
μAdc
nAdc
μAdc
DC Current Gain
Output Capacitance
Input Capacitance
Current Gain-Bandwidth Product
Noise Figure
hFE(1)
VCE(set)
VBE(set)
Cobo
Cibo
fT
NF
Vdc
Vdc
pF
pF
MHZ
dB
IC=-1.0mAdc,IB=0
-25
---
IC=-100μAdc,IE=0
-40
---
IE=-100μAdc,IC=0
-
5.0
---
VCB=-40Vdc,Ie=0
---
-
0.1
VCE=-20Vdc,IB=0
---
-
0.1
VEB=-5Vdc,Ic=0
---
-
0.1
IC=-20mAdc,VCE=-6Vdc
---
IC=-10mAdc,VCE=-1.0Vdc
IC=-50mAdc,VCE=-1.0Vdc
120
400
IC=-10mAdc,IB=-1.0mAdc
---
---
IC=-500mAdc,IB=-50mAdc
---
-
0.6
IC=-10mAdc,IB=-1.0mAdc
IC=-500mAdc,IB=-50mAdc
---
---
---
-
1.2
VCB=-10Vdc,f=1.0MHZ,IE=0
---
VEB=-0.5Vdc,f=1.0MHZ,IC=0
---
f=30MHZ
150
---
VCE=-5.0V,f=1.0kHZ,
IC=-100μA,RS=1.0K
---
IC=-1mAdc,VCE=-1.0Vdc
---
---
5
---
---
---
CLASSIFICATION OF h
FE(1)
Rank
L
H
Range
120-200
200-350
J
300-400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com