Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT8550 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # PXT8550
Description  PNP Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

PXT8550 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  PXT8550 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. PXT8550 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. PXT8550 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. PXT8550 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd. PXT8550 Datasheet HTML 5Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Item
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V (BR)CEO
Collector-Base Breakdown Voltage
V (BR)CBO
Emitter-Base Breakdown Voltage
V (BR)EBO
Collector cut-off Current
ICBO
Emitter cut-off Current
IEBO
Collector-Emitter Saturation Voltage
Base-Emitter Saturation Voltage
JINAN JINGHENG ELECTRONICS CO., LTD.
5-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
Vdc
Vdc
Vdc
nAdc
nAdc
DC Current Gain
Output Capacitance
Input Capacitance
Current Gain-Bandwidth Product
Noise Figure
hFE
VCE(set)
VBE
Cobo
Cibo
fT
NF
Vdc
Vdc
pF
pF
MHZ
dB
IC=-0.1mAdc,IB=0
---
IC=-100μAdc,IE=0
---
IE=-100μAdc,IC=0
-5.0
---
VCB=-40Vdc,Ie=0
---
-100
VEB=-5Vdc,Ic=0
---
-100
IC=-50mAdc,VCE=-10Vdc
—
IC=-100mAdc,VCE=-1Vdc
85
IC=-800mAdc,VCE=-1Vdc
40
400
---
IC=10mAdc,IB=1.0mAdc
---
---
IC=-800mAdc,IB=-80mAdc
---
-0.5
IC=-800mAdc,IB=-80mAdc
VCE=-1Vdc,IC=-10mAdc
---
-
1.0
---
-1.20
VCB=-10Vdc,f=1.0MHZ,IE=0
---
VEB=0.5Vdc,f=1.0MHZ,IC=0
---
f=30MHZ
100
---
VCE=5.0V,f=1.0kHZ,
IC=100μA,RS=1.0K
---
IC=5mAdc,VCE=2.0Vdc
-25
-40
---
20
---
---
Collector cut-off Current
ICEO
nAdc
VCE=-20Vdc,Ib=0
---
-100
PXT8550
CLASSIFICATION OF h
FE(1)
Rank
B
Range
85-160
120-200
D3
300-400
C
160-300
D



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com