Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3134KT Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3134KT
Description  N-Channel Enhancement Mode Fidld Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3134KT Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3134KT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3134KT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3134KT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3134KT Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■
Electrical Characteristics (TJ=25℃ unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Static Parameter
Drain-Source Breakdown Voltage
BVDSS
VGS= 0V, ID=250μA
20
V
Zero Gate Voltage Drain Current
IDSS
VDS=20V,VGS=0V
1
μA
Gate-Body Leakage Current
IGSS
VGS= ±10V, VDS=0V
2.5
±
10
μA
VGS= ±8V, VDS=0V
500
±
2000
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=250μA
0.35
0.75
1.1
V
Static Drain-Source On-Resistance
RDS(ON)
VGS= 4.5V, ID=0.65A
130
250
mΩ
VGS= 2.5V, ID=0.3A
180
350
Diode Forward Voltage C
VSD
IS=0.5A,VGS=0V
1.2
V
Maximum Body-Diode Continuous Current
IS
0.75
A
Dynamic Parameters B
Input Capacitance
Ciss
VDS=10V,VGS=0V,f=1MHZ
110
pF
Output Capacitance
Coss
18
Reverse Transfer Capacitance
Crss
15
Switching Parameters B
Total Gate Charge
Qg
VGS=4.5V,VDS=10V,ID=0.5A
1.1
nC
Gate Source Charge
Qgs
0.19
Gate Drain Charge
Qgd
0.27
Turn-on Delay Time
tD(on)
VGS=4.5V,VDD=10V,RG=10Ω,ID=0.5A
6.7
ns
Turn-on Rise Time
tr
4.8
Turn-off Delay Time
tD(off)
17.3
Turn-off Fall Time
tf
7.4
A. Repetitive Rating: Pulse width limited by maximum junction temperature.
B. These parameters have no way to verify.
C. Pulse Test: Pulse Width≤300us, Duty Cycle≤0.5%.
LM3134KT
Rev :
www.leiditech.com
01.06.2018
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com