Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2745 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2745
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2745 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2745 Datasheet HTML 7Page - National Semiconductor (TI) LM2745 Datasheet HTML 8Page - National Semiconductor (TI) LM2745 Datasheet HTML 9Page - National Semiconductor (TI) LM2745 Datasheet HTML 10Page - National Semiconductor (TI) LM2745 Datasheet HTML 11Page - National Semiconductor (TI) LM2745 Datasheet HTML 12Page - National Semiconductor (TI) LM2745 Datasheet HTML 13Page - National Semiconductor (TI) LM2745 Datasheet HTML 14Page - National Semiconductor (TI) LM2745 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Application Information (Continued)
For example, if the master supply output voltage slew rate
was 1V/ms and the desired delay time between the startup
of the master supply and LM2745/8 output voltage was 5 ms,
then the desired SD pin slew rate would be (1.08V/5 ms) =
0.216V/ms. Due to the internal impedance of the SD pin, the
maximum recommended value for R
S2 is1k
Ω. To achieve
the desired slew rate, R
S1 would then be 274
Ω. A timing
diagram for this example is shown in Figure 7.
SD PIN IMPEDANCE
When connecting a resistor divider to the SD pin of the
LM2745/8 some care has to be taken. Once the SD voltage
goes above V
SD-IH, a 17 µA pull-up current is activated as
shown in Figure 8. This current is used to create the internal
hysteresis ()170 mV); however, high external impedances
will affect the SD pin logic thresholds as well. The external
impedance used for the sequencing divider network should
preferably be a small fraction of the impedance of the SD pin
for good performance (around 1 k
Ω).
MOSFET GATE DRIVERS
The LM2745/8 has two gate drivers designed for driving
N-channel MOSFETs in a synchronous mode. Note that
unlike most other synchronous controllers, the bootstrap
capacitor of the LM2745/8 provides power not only to the
driver of the upper MOSFET, but the lower MOSFET driver
too (both drivers are ground referenced, i.e. no floating
driver).
Two things must be kept in mind here. First, the BOOT pin
has an absolute maximum rating of 18V. This must never be
exceeded, even momentarily. Since the bootstrap capacitor
is connected to the SW node, the peak voltage impressed on
the BOOT pin is the sum of the input voltage (V
IN) plus the
voltage across the bootstrap capacitor (ignoring any forward
drop across the bootstrap diode). The bootstrap capacitor is
charged up by a given rail (called V
BOOT_DC here) whenever
the upper MOSFET turns off. This rail can be the same as
V
CC or it can be any external ground-referenced DC rail. But
care has to be exercised when choosing this bootstrap DC
rail that the BOOT pin is not damaged. For example, if the
desired maximum V
IN is 14V, and VBOOT_DC is chosen to be
the same as V
CC, then clearly if the VCC rail is 6V, the peak
voltage on the BOOT pin is 14V + 6V = 20V. This is unac-
ceptable, as it is in excess of the rating of the BOOT pin. A
V
CC of 3V would be acceptable in this case. Or the VIN range
must be reduced accordingly. There is also the option of
deriving the bootstrap DC rail from another 3V external rail,
independent of V
CC.
The second thing to be kept in mind here is that the output of
the low-side driver swings between the bootstrap DC rail
level of V
BOOT_DC and Ground, whereas the output of the
high-side driver swings between V
IN+VBOOT_DC
and
Ground. To keep the high-side MOSFET fully on when de-
sired, the Gate pin voltage of the MOSFET must be higher
than its instantaneous Source pin voltage by an amount
equal to the ’Miller plateau’. It can be shown that this plateau
is equal to the threshold voltage of the chosen MOSFET plus
a small amount equal to Io/g. Here Io is the maximum load
current of the application, and g is the transconductance of
this MOSFET (typically about 100 for logic-level devices).
That means we must choose V
BOOT_DC to at least exceed
20137411
FIGURE 7. Delay for Sequencing
20137406
FIGURE 8. SD Pin Logic
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com