Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z5V6 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MM3Z5V6
Description  Dimensions SOD-323
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MM3Z5V6 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MM3Z5V6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z5V6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z5V6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MM3Z5V6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTIC CURVES
FIG.1 IF VS.VF
FIG.3 IZ VS.VZ
0.001
0.01
0.1
1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF, Forward Voltage (V)
avg 0℃
avg 25℃
avg 75℃
avg 150℃
1.0E-05
2.0E-03
4.0E-03
6.0E-03
8.0E-03
1.0E-02
1.2E-02
1.4E-02
1.6E-02
1.8E-02
5.30 5.35 5.40 5.45 5.50 5.55 5.60 5.65 5.70
VZ, Zener Voltage (V)
FIG.2 IR VS.VZ
1E-09
1E-05
2E-05
3E-05
4E-05
5E-05
6E-05
7E-05
8E-05
9E-05
4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0
VZ, Zener Voltage (V)
avg -55℃
avg 25℃
avg 150℃
MM3Z5V6
S-MM3Z5V6
Rev : 01.06.2014
3/4
www.leiditech.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com