Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ2V2CWG Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # MMSZ2V2CWG
Description  500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

MMSZ2V2CWG Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  MMSZ2V2CWG Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V2CWG Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V2CWG Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd MMSZ2V2CWG Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
500mW SOD-123 SURFACE MOUNT
Gull Wing Lead Surface Mount Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 2.0V to 75V
VZ Tolerance Selection of ±5% (C Series)
Gull Wing Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Weight: approx. 0.01g
SOD-123 Gull Wing Lead
Electrical Characteristics
TA = 25°C unless otherwise noted
Device
Type
Device
Marking
VZ @ IZT
(Volts)
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
Min
Nom
Max
MMSZ2V0CWG
2V0Z
1.90
2.0
2.10
5
100
1
564
120
0.5
MMSZ2V2CWG
2V2Z
2.09
2.2
2.31
5
100
1
564
120
0.7
MMSZ2V4CWG
2V4Z
2.28
2.4
2.52
5
100
1
564
45
1
MMSZ2V7CWG
2V7Z
2.57
2.7
2.84
5
100
1
564
18
1
MMSZ3V0CWG
3V0Z
2.85
3.0
3.15
5
100
1
564
9
1
MMSZ3V3CWG
3V3Z
3.14
3.3
3.47
5
95
1
564
4.5
1
MMSZ3V6CWG
3V6Z
3.42
3.6
3.78
5
90
1
564
4.5
1
MMSZ3V9CWG
3V9Z
3.71
3.9
4.10
5
90
1
564
2.7
1
MMSZ4V3CWG
4V3Z
4.09
4.3
4.52
5
90
1
564
2.7
1
MMSZ4V7CWG
4V7Z
4.47
4.7
4.94
5
80
1
470
2.7
2
MMSZ5V1CWG
5V1Z
4.85
5.1
5.36
5
60
1
451
1.8
2
MMSZ5V6CWG
5V6Z
5.32
5.6
5.88
5
40
1
376
0.9
2
MMSZ6V2CWG
6V2Z
5.89
6.2
6.51
5
10
1
141
2.7
4
MMSZ6V8CWG
6V8Z
6.46
6.8
7.14
5
15
1
75
1.8
4
MMSZ7V5CWG
7V5Z
7.11
7.5
7.86
5
15
1
75
0.9
5
MMSZ8V2CWG
8V2Z
7.79
8.2
8.61
5
15
1
75
0.63
5
MMSZ9V1CWG
9V1Z
8.65
9.1
9.56
5
15
1
94
0.45
6
MMSZ10VCWG
10VZ
9.50
10
10.50
5
20
1
141
0.18
7
MMSZ11VCWG
11VZ
10.45
11
11.55
5
20
1
141
0.09
8
MMSZ12VCWG
12VZ
11.40
12
12.60
5
25
1
141
0.09
8
MMSZ13VCWG
13VZ
12.35
13
13.65
5
30
1
160
0.09
8
ELECTRICAL SYMBOL
Cathode
Anode
MMSZ2V0CWG-MMSZ75VCWG
Rev 2.0 :
www.leiditech.com
12.01.2019
1/4


Similar Part No. - MMSZ2V2CWG

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MMSZ2V2CWG LEIDITECH-MMSZ2V2CWG Datasheet
531Kb / 4P
500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package Zener Voltage Regulators
More results

Similar Description - MMSZ2V2CWG

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW_09 Datasheet
238Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
500mW SOD-123 SURFACE MOUNT
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
500mW SOD-123 SURFACE MOUNT
logo
Shanghai Leiditech Elec...
MMSZ15VCWG LEIDITECH-MMSZ15VCWG Datasheet
531Kb / 4P
500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com