Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20200CT Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MBR20200CT
Description  Dual Schottky Barrier Rectifier Reverse Voltage 200 Volts , Forward Current 20A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBR20200CT Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MBR20200CT Datasheet HTML 1Page - First Silicon Co., Ltd MBR20200CT Datasheet HTML 2Page - First Silicon Co., Ltd MBR20200CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2012.01.28
2/3
Revision No : 0
MBR20200CT, MBRF20200CT
s
c
it
s
ir
e
t
c
a
r
a
h
C
l
a
c
ir
t
c
e
l
E
d
n
a
s
g
n
it
a
R
m
u
m
i
x
a
M
( T
C = 25
o
C unless otherwise noted )
MAXIMUM RATINGS and ELECTRICAL CHARACTERISTICS(TC=25°C unless otherwise moted)
PARAMETER
TEST CONDITIONS SYMBOL MBRF20200CT
UNIT
Maximum repetitive peak reverse voltage
VRRM
200
V
Working peak reverse voltage
VRWM
200
V
Maximum DC blocking voltage
VDC
200
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
20
10
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
150
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
1.0
A
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Operating junction temperature range
TJ
―55 to+150
°C
Storage temperature range
TSTG
―55 to+150
°C
Isolation voltage (TO220F-AB only) from terminal to
heatsink t = 1 sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=10A
IF=10A
TC=25℃
TC=125℃
VF
0.94
0.85
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25℃
TJ=100°C
IR
400
15
uA
mA
Thermal Characteristics Ta=25 unless otherwise noted
℃
ti
n
U
x
a
M
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
RθJC
Thermal Resistance,Junction to Case per Leg
4.0
°C /W
RθJA
Thermal Resistance,Junction to Ambient per Leg
62.5
°C /W
Note
1. Screw mounting with 4-40 screw,where washer diameteris≤4.9mm(0.19〃)
2. Pulse test:300us pulse width,1% duty cycle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com