Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T60405-R6127-X009 Datasheet(PDF) 3 Page - VACUUMSCHMELZE GmbH & Co. KG

Part # T60405-R6127-X009
Description  Common Mode Choke
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VACUUMSCHMELZE [VACUUMSCHMELZE GmbH & Co. KG]
Direct Link  https://vacuumschmelze.de/
Logo VACUUMSCHMELZE - VACUUMSCHMELZE GmbH & Co. KG

T60405-R6127-X009 Datasheet(HTML) 3 Page - VACUUMSCHMELZE GmbH & Co. KG

  T60405-R6127-X009 Datasheet HTML 1Page - VACUUMSCHMELZE GmbH & Co. KG T60405-R6127-X009 Datasheet HTML 2Page - VACUUMSCHMELZE GmbH & Co. KG T60405-R6127-X009 Datasheet HTML 3Page - VACUUMSCHMELZE GmbH & Co. KG T60405-R6127-X009 Datasheet HTML 4Page - VACUUMSCHMELZE GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATENBLATT / Specification
Sach Nr.:
Item no.:
T60405-R6127-X009
K-Nr.:
K-no.:
26977
Stromkompensierte Drossel / Common Mode Choke
Datum:
Date:
19.03.2019
Kunde:
Customer
Typenelement / Standard type
Kd. Sach Nr.:
Customers part no.:
Seite
3
von
4
Page
of
Hrsg.:
R&D-PD NPI
editor
Bearb:
designer
Ul.
MC-PM: Lu.
check
freig.: Pr.
released
Weitergabe sowie Vervielfältigung dieser Unterlage, Verwertung und Mitteilung ihres Inhalts
nicht gestattet, soweit nicht ausdrücklich zugestanden. Zuwiderhandlungen verpflichten zu
Schadenersatz. Alle Rechte für den Fall der Patenterteilung oder GM-Eintragung vorbehalten
Copying of this document, disclosing it to third parties or using the contents there for any
purposes without express written authorization by use illegally forbidden.
Any offenders are liable to pay all relevant damages.
V A C U U M S C H M E L Z E
Typische Kurven / typical characteristics :
100
1000
10000
0.01
0.10
1.00
10.00
100.00
frequency [MHz]
Impedance vs frequency
0
5
10
15
20
25
30
35
0.01
0.10
1.00
10.00
100.00
frequency (MHz)
insertion loss versus frequency 50 Ω system
confidential
confidential



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com