Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC205 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC205
Description  LVD SCSI Enclosure Management Controller Product Brief
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC205 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC205 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC205 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC205
LVD SCSI Enclosure
Management Controller
Product Brief
Overview
The VSC205 is an enclosure management controller
for peripheral storage applications.
This device
supports in-band and out of band management
strategies. The VSC205 implements in-band SES
and
SAF-TE
enclosure
management
via
the
integrated SCSI interface.
Out of band solutions
are
possible
using
IPMI
(Intelligent
Platform
Management Interface) or through a customer
unique approach.
JBOD and RAID subsystem developers are provided
a common hardware and software platform, which
supports all common subsystem diagnostic and
enclosure management strategies.
The VSC205
may be used as the master controller of a I
2C serial
interface
communicating
with
scalable
slave
backplane controllers such as Vitesse VSC055/050
and other industry standard devices.
Device Features
• Integrated SCSI Controller with LVD or Single
Ended operation over a wide SCSI bus
• Target and Initiator mode with wide SCSI
arbitration and selection support
• Disconnect and reselect support minimizing
SCSI bus connect time
• Three master/slave mode I2C serial interfaces
• 32-bit, 40Mhz RISC CPU w/debug port
• RS-232 Monitor Port
• IPMI 1.0 Compatible
• External Flash and/or SRAM (60ns to 350ns)
• Two integrated 8K byte user data SRAMs
• 3 bits of user definable general purpose I/O with
up to 3 external interrupts
• General purpose UART
• 160 PQFP Package
Software Development Kit Features
• Modular architecture to support migration to
other I/O technologies and protocols
• Extensive peripheral device library
• Sample Personality Module source code
SCSI Applications
The
VSC205
offers
dedicated
port
enclosure
management across a parallel SCSI bus.
The
VSC205’s integrated LVD SCSI controller is used to
provide a high performance, SES or SAF-TE
solution. No external components are required with
this approach; the VSC205 integrates both the data
and command buffers and control logic.
This
architecture provides system designers with a
common platform for various SCSI bus speeds and
physical interfaces.
Architecture
System Level Integration (SLI) techniques were
used to create a complete system on a chip. The
VSC205 integrates a RISC embedded processor
and
additional
DMA,
memory
and
controller
functionality.
The VSC205 includes three, I
2C serial interface bus
master controllers. These controllers may be used
to interface to off-the-shelf instrumentation and
control devices commonly used in environmental
Drive 0
Drive 1
Drive 2
Drive 3
VITESSE
Backplane
Controller
Local I/O (x3)
Power Supplies
& Fans
VITESSE
VSC205
LVD SCSI
Enclosure
Controller
LM75
(Temp)
Flash
(1M x 8)
LVD/SE
SCSI Bus
Drive 4
Drive 5
I2C Serial
I/F
Wide or Narrow SCSI Bus
X24C16
EEPROM
Drive 7
Drive 6
Typical Application Block Diagram


Similar Part No. - VSC205

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
logo
Pulse A Technitrol Comp...
VSC24 PULSE-VSC24 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
ITT Industries
VSC26PCB01 ITT-VSC26PCB01 Datasheet
105Kb / 4P
19 Pin Connectors for Lighting Applications
VSC26PCB02 ITT-VSC26PCB02 Datasheet
105Kb / 4P
19 Pin Connectors for Lighting Applications
VSC26PCB03 ITT-VSC26PCB03 Datasheet
105Kb / 4P
19 Pin Connectors for Lighting Applications
More results

Similar Description - VSC205

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2118M DALLAS-DS2118M Datasheet
141Kb / 8P
Ultra2 LVD/SE SCSI Terminator
logo
Microsemi Corporation
LX5245 MICROSEMI-LX5245 Datasheet
177Kb / 7P
9 - LINE LVD SCSI TERMINATO
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
Enclosure Management Controller Product Brief
logo
Dallas Semiconductor
DS2120 DALLAS-DS2120 Datasheet
334Kb / 10P
Ultra3 LVD SCSI Terminator
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
IPMI Baseboard Management Controller Product Brief
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
173Kb / 12P
Digital Signal Controller Product Brief
logo
List of Unclassifed Man...
LSI53C141 ETC2-LSI53C141 Datasheet
243Kb / 4P
SCSI LVD BUS EXPANDER
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
PRODUCT BRIEF
logo
Maxim Integrated Produc...
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
Ultra3 LVD SCSI Terminator
REV: 010506
logo
Vitesse Semiconductor C...
SSC050 VITESSE-SSC050 Datasheet
41Kb / 2P
I2C Backplane Controller Product Brief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com