Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8150 Datasheet(PDF) 13 Page - Vitesse Semiconductor Corporation

Part # VSC8150
Description  2.488Gb/s SONET/SDH Overhead Monitor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8150 Datasheet(HTML) 13 Page - Vitesse Semiconductor Corporation

Back Button VSC8150 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8150 Datasheet HTML 17Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 13
10/12/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC8150
2.488Gb/s SONET/SDH
Overhead Monitor
G52186-0, Rev. 3.0
Absolute Maximum Ratings
Power Supply Voltage (VCC) Potential to GND ............................................................................ -0.5 V to +4.3 V
TTL Input Voltage Applied ...........................................................................................................-0.5 V to + 5.5V
ECL Input Voltage Applied ................................................................................................... +0.5 V to VTT -0.5 V
Output Current (IOUT)................................................................................................................................... 50 mA
Case Temperature Under Bias (TC) ................................................................................................-55
o to + 125oC
Storage Temperature (TSTG)............................................................................................................-65
o to + 150oC
Note: Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing per-
manent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended peri-
ods may affect device reliability.
Recommended Operating Conditions
Power Supply Voltages (VCC)...............................................................................................................+3.3V
%
Power Supply Voltages (VMM) ..............................................................................................................+2.0V
%
Commercial Operating Temperature Range (T) .................................................................................... 0o to 85oC
Notes: (1) Lower limit of specification is ambient temperature and upper limit is case temperature.
(2) Customer may require cooled/heatsink environment to meet thermal requirements of 100PQFP.
(3) Contact factory for package thermal performance information.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC8150 is rated to the following
ESD voltages based on the human body model:
1. All pins are rated at or above 1500V.
5
±
5
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com