Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC5251 Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # SPPC5251
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC5251 Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button SPPC5251 Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPPC5251 Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
SPPC 480W / 600W / 800W
A
B
C
D
SPPC 480W / 600W / 800W
Element Component
Function
A
+ V terminals
Positive DC output terminals
B
- V terminals
Negative DC output terminals
C
VADJ Trimmer
Output voltage adjustment
D
Power supply terminals
L, N supply terminals + GND
E
Wall Mounting Predisposition
Predispositions present on two sides
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com