Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM12501/B Datasheet(PDF) 21 Page - Carlo Gavazzi Holding AG

Part # SPDM12501/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12501/B Datasheet(HTML) 21 Page - Carlo Gavazzi Holding AG

Back Button SPDM12501/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 25Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Mounting A
Input
Output
Power
Supply
A1
-25
0
1
Output current
2A
41
Ambient temperature
71°C
Mounting A
Input
Output
Power
Supply
A1
-25
0
0.6
Output current
1.25A
41
Ambient temperature
71°C
Mounting A
Input
Output
Power
Supply
A1
-25
0
2
Output current
4A
41
Ambient temperature
71°C
Mounting A
Input
Output
Power
Supply
A1
-25
0
Output current
2.1A
1.05
41
Ambient temperature
71°C
Mounting A
Input
Output
Power
Supply
A1
-25
0
Output current
5.5A
2.75
41
Ambient temperature
71°C
Mounting A
Input
Output
Power
Supply
A1
-25
0
1.5
Output current
3A
41
Ambient temperature
71°C
Installation
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Ventilation and cooling
Normal air convection; 25mm of free space on each side is recommended
SPDM 50W / 12VDC
SPDM 75W / 12VDC
SPDM 50W / 24VDC
SPDM 75W / 24VDC
SPDM 30W / 12VDC
SPDM 30W / 24VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com