Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDM24751/B Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # SPDM24751/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM24751/B Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button SPDM24751/B Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 9Page - Carlo Gavazzi Holding AG SPDM24751/B Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
General data
Features
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Leakage current
<0.25mA (Input-Output)
Earth leakage current
<3.5mA (Input-GND)
Efficiency
86%
87%
87%
85% (12VDC)
88% (24VDC)
89% (48VDC)
87% (24VDC)
88% (48VDC)
Power loss @ nominal
load
4.9W (12VDC)
5.7W (24VDC)
8.0W (12VDC)
8.8W (24VDC)
10.5W (12VDC)
10.5W (24VDC)
16W @ 120W
35W @ 240W
Power factor (Full Load)
110VAC
230VAC
-
-
-
-
0.98
0.94
Ingress protection
IP20
MTBF
721,000Hrs (12V)
764,000Hrs (24V)
Bellcore Issue 6
@40°C, GB
556,000Hrs (12V)
580,000Hrs (24V)
Bellcore Issue 6
@40°C, GB
556,000Hrs (12V)
580,000Hrs (24V)
Bellcore Issue 6
@40°C, GB
>500,000Hrs
(MIL-HDBK-217F)
>300,000Hrs
(MIL-HDBK-217F)
Case material
Plastic
Metal
Weight
140g
200g
250g
590g
940g
Switching frequency
65kHz
40 to 100kHz
80KHz
75z
Mounting
DIN rail mounting
Packing
0.15Kg; 60 pcs /
10Kg / 2.16cuft
0.22Kg; 48 pcs /
12Kg / 2.16cuft
0.27Kg; 40 pcs /
12Kg / 2.16cuft
24pcs/CTN,
15.0Kg, 0.04cbm
10pcs/CTN,
11.5Kg, 0.04cbm
(All specifications are at nominal values, full load, 25°C unless otherwise stated)
SPDM 120W / SPDM 240W
Element Component
Function
A
+ V terminals
Positive DC output terminals
B
- V terminals
Negative DC output terminals
C
VADJ Trimmer
Output voltage adjustment
D
DC OK LED
Green when output voltage ≥90% of rated output
voltage red when output voltage ≤80% of rated out-
put voltage, or, overload
E
Power supply terminals
L, N supply terminals + GND
F
DIN rail mounting clip
Clip present on back side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com