Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPC48751 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SPPC48751
Description  Single Phase Power Supply
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPPC48751 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SPPC48751 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 3Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 4Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 5Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 6Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 7Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 8Page - Carlo Gavazzi Holding AG SPPC48751 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
Carlo Gavazzi Automation S.p.A.
SPPC
SPPC DS ENG
12/11/2020
Enter the code entering the corresponding option instead of
Order code
Selection guide
SPPC
1
Code
Option Description
Notes
S
-
Switching
Device typology
P
-
Power supply
PC
-
Panel mounted
Mounting
5
5 VDC
Rated output voltage
12
12 VDC
15
15 VDC
24
24 VDC
36
36 VDC
48
48 VDC
25
25W
Rated output power
35
35W
50
50W
75
75W
150
150W
200
200W
240
240W
320
320W
480
480W
600
600W
800
800W
1
-
Single phase input
Input type
-
Basic model
Optional features
F
Power factor correction
-
Standard model
C
Compact size
Output power
Output voltage
25W
35W
50W
75W
150W
5 VDC
SPPC5251
SPPC5351
SPPC5501
SPPC5751
SPPC51501F
12VDC
SPPC12251
SPPC12351
SPPC12501
SPPC12751
SPPC121501F / C
15 VDC
SPPC15251
-
SPPC15501
-
SPPC151501F
24 VDC
SPPC2451
SPPC24351
SPPC24501
SPPC24751
SPPC241501F / C
36 VDC
-
-
-
-
-
48 VDC
-
-
SPPC48501
SPPC48751
SPPC481501F
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com