Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3063 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3063
Description  Silicon NPN triple diffusion planar type(For TV video output amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3063 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3063 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3063 Datasheet HTML 2Page - Panasonic Semiconductor 2SC3063 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
193
2SC3063
Silicon NPN triple diffusion planar type
For TV video output amplification
I Features
• High collector to emitter voltage V
CEO
• Small collector output capacitance C
ob
• TO-126B package which requires no insulation plate for installa-
tion to the heat sink
I Absolute Maximum Ratings T
C = 25°C
1 : Emitter
2 : Collector
3 : Base
TO-126B-A1 Package
Unit: mm
I Electrical Characteristics T
C = 25°C
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
300
V
Collector to emitter voltage
VCEO
300
V
Emitter to base voltage
VEBO
7V
Peak collector current
ICP
200
mA
Collector current
IC
100
mA
Collector power dissipation
PC
1.2
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector to base voltage
VCBO
IC = 10 µA, IE = 0
300
V
Collector to emitter voltage
VCEO
IC = 0.1 mA, IB = 0
300
V
Emitter to base voltage
VEBO
IE = 10
µA, I
C = 0
7
V
Forward current transfer ratio
hFE
VCE = 50 V, IC = 5 mA
50
250
Base to emitter voltage
VBE
VCE = 10 V, IC = 30 mA
1.2
V
Collector to emitter saturation voltage
VCE(sat)
IC = 30 mA, IB = 3 mA
1.5
V
Transition frequency
fT
VCB = 30 V, IE = −20 mA, f = 200 MHz
70
140
MHz
Collector output capacitance
Cob
VCB = 30 V, IE = 0, f = 1 MHz
2.4
pF
8.0
+0.5
–0.1
3.2±0.2
0.75±0.1
0.5±0.1
2.3±0.2
4.6±0.2
0.5±0.1
1.76±0.1
123
φ 3.16±0.1


Similar Part No. - 2SC3063

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC3063 SAVANTIC-2SC3063 Datasheet
124Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3063 JMNIC-2SC3063 Datasheet
176Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3063 ISC-2SC3063 Datasheet
151Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3063 SAVANTIC-2SC3063 Datasheet
125Kb / 4P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC3063 FOSHAN-2SC3063 Datasheet
899Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
More results

Similar Description - 2SC3063

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3187 PANASONIC-2SC3187 Datasheet
36Kb / 2P
Silicon NPN triple diffusion planer type(For small TV video output)
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1253 PANASONIC-2SD1253 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1263 PANASONIC-2SD1263 Datasheet
46Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com