Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF10150CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBRF10150CT
Description  Guardring for overvoltage protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBRF10150CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBRF10150CT Datasheet HTML 1Page - First Silicon Co., Ltd MBRF10150CT Datasheet HTML 2Page - First Silicon Co., Ltd MBRF10150CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Guardring for overvoltage protection
Low power loss, high efficiency
Low forward voltage drop
High frequency operation
Solder Dip 260 °C, 40 seconds
For use in high frequency inverters, free wheeling and polarity
protection applications
Case: TO-220AB, TO-220IS Epoxy meets UL-94V-0
Flammability rating
Terminals: Matte Tin plated (E3 Suffix) leads, solderable per
J-STD-002B and JESD22-B102D
Mounting Torque: 10 in-lbs maximum
Polarity: As marked
Weight: 0.08 ounce, 2.24 grams
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
A
V
v
TO-220AB
TO-220IS
Dimensions in millimeters
MBR10150CT
SEMICONDUCTOR
TECHNICAL DATA
MBRF10150CT
MBRF10150CT
MBR10150CT
2010. 2. 02
1/3
Revision No : 0
1 ANODE
2 CATHODE
3 ANODE
1
2
3
1 2
3


Similar Part No. - MBRF10150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF10150CT TSC-MBRF10150CT Datasheet
164Kb / 2P
Isolated 10.0 AMPS. Schottky Barrier Rectifiers
logo
KEC(Korea Electronics)
MBRF10150CT KEC-MBRF10150CT Datasheet
439Kb / 2P
SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
GOOD-ARK Electronics
MBRF10150CT GOOD-ARK-MBRF10150CT Datasheet
183Kb / 3P
Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Diotech Company.
MBRF10150CT DIOTECH-MBRF10150CT Datasheet
866Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
KEC(Korea Electronics)
MBRF10150CT KEC-MBRF10150CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
More results

Similar Description - MBRF10150CT

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR20H200CT-E3 KERSEMI-MBR20H200CT-E3 Datasheet
1Mb / 4P
Guarding for overvoltage protection
MBRF1090 KERSEMI-MBRF1090 Datasheet
1Mb / 3P
Guardring for overvoltage protection
MBRF2045CT-E345 KERSEMI-MBRF2045CT-E345 Datasheet
1Mb / 4P
Guardring for overvoltage protection
MBR1545CT-E3 KERSEMI-MBR1545CT-E3 Datasheet
1Mb / 4P
Guardring for overvoltage protection
MBR1650 KERSEMI-MBR1650 Datasheet
1Mb / 4P
Guardring for overvoltage protection
logo
Sangdest Microelectroni...
K21W SMC-K21W Datasheet
195Kb / 4P
Guardring for over voltage protection
logo
Micro Commercial Compon...
SMD24LHE MCC-SMD24LHE Datasheet
430Kb / 3P
Guardring for overvoltage protection
SS34LHE MCC-SS34LHE Datasheet
539Kb / 3P
Guardring for overvoltage protection
logo
Vishay Siliconix
SL12-M3 VISHAY-SL12-M3 Datasheet
83Kb / 4P
Guardring for overvoltage protection
09-Dec-13
logo
SHIKUES Electronics
MBR130 SKTECHNOLGY-MBR130 Datasheet
2Mb / 4P
Guardring for stress protection, Low forward voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com