Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRFH3045CT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # MBRFH3045CT
Description  Schottky Barrier Rectifier (Low VF) Reverse Voltage 45 Volts Forward Current 30 Amperes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBRFH3045CT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  MBRFH3045CT Datasheet HTML 1Page - First Silicon Co., Ltd MBRFH3045CT Datasheet HTML 2Page - First Silicon Co., Ltd MBRFH3045CT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2016. 02. 20
1/3
Revision No : 0
MBRH3045CT , MBRFH3045CT
Schottky Barrier Rectifier (Low VF)
Reverse Voltage 45 Volts Forward Current 30 Amperes
Features
● Low forward voltage drop, low power losses
● High efficiency operation
● Plastic package has underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
● Case: Epoxy, molded
● Weight: 1.9grams (approximately)
● Lead Temperature for Soldering Purposes: 260°C Max. for 10 sec
● 50 units per plastic tube
Maximum Ratings & Electrical Characteristics
(TA=25°C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Working peak reverse voltage
VRWM
45
V
Maximum DC blocking voltage
VDC
45
V
Maximum average forward rectified current at
Tc=105°C total device per diode
IF(AV)
30
15
A
Peak forward surge current 8.3ms single harf sine-wave
superimposed on rated load per diode
IFSM
200
A
Peak repetitive reverse current per leg at tp=2.0us ,1KHz
IRRM
1.0
A
Voltage rate of change(rated VR)
DV/dt
10000
V/us
Operating junction temperature range
TJ
- 55 to+150
°C
Storage temperature range
TSTG
- 55 to+150
°C
Isolation voltage (TO-220F only) from terminal to heatsink
t = 1sec
VAC
1500
V
Maximum instantaneous forward voltage per leg
IF=15A
IF=15A
TC=25°C
TC=125°C
VF
0.55
0.46
V
Maximum reverse current per leg at working peak
Reverse voltage
TJ=25°C
TJ=100°C
IR
200
15
uA
mA
Thermal Characteristics TA=25°C unless otherwise noted
Symbol
Parameter
TYP. (TO-220)
TYP. (TO-220F)
Unit
RθJC
Thermal Resistance, Junction to Case per Leg
2.0
4.0
°C /W
RθJA
Thermal Resistance, Junction to Ambient per Leg
62.5
62.5
°C /W
Note: Pulse test:300us pulse width, duty cycle=2%


Similar Part No. - MBRFH3045CT

ManufacturerPart #DatasheetDescription
logo
Surge Components
MBRFH3045CT SURGE-MBRFH3045CT Datasheet
544Kb / 6P
Schottky Barrier Rectifier
More results

Similar Description - MBRFH3045CT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR3045CS RECTRON-SR3045CS Datasheet
198Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 45 Volts CURRENT 30 Amperes
logo
Gaomi Xinghe Electronic...
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
logo
Bytesonic Electronics C...
MBR30L45CT BYTESONIC-MBR30L45CT Datasheet
932Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS VOLTAGE 45 Volts CURRENT 30.0 Amperes
Version 1.1 2018/9/10
logo
First Silicon Co., Ltd
SB540L FS-SB540L Datasheet
510Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 40 Volts Forward Current 5.0 Amperes
SS545L FS-SS545L Datasheet
466Kb / 2P
5A Low VF SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
MBR4045CT FS-MBR4045CT Datasheet
406Kb / 6P
Dual Schottky Barrier Rectifiers Reverse Voltage 45 Volts , Forward Current 40A
SS560L FS-SS560L Datasheet
327Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 60 Volts Forward Current 5.0 Amperes
MBRD2060CT FS-MBRD2060CT Datasheet
616Kb / 3P
Schottky Barrier Rectifier Reverse Voltage 60 Volts Forward Current 20 Amperes
2021. 06. 16 Revision No : 0
SB545L FS-SB545L Datasheet
446Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 45 Volts Forward Current 5.0 Amperes
2022 02 03 Revision No : 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com