Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBUS1DS Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # MBUS1DS
Description  Fast Recovery Diode Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBUS1DS Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  MBUS1DS Datasheet HTML 1Page - First Silicon Co., Ltd MBUS1DS Datasheet HTML 2Page - First Silicon Co., Ltd MBUS1DS Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2013 10 22
3/3
Revision No : 0
MBUS1BS ~ MBUS1MS
■
Characteristics (Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Voltage(%)
Tj=150℃
Tj=25℃
FIG4 Typical Reverse Characteristics
1
0
2
5
10
20
50
100
5
sine wave
non-repetitive
Tj=25℃
FIG2 Surge Forward Current Capadility
Number of Cycles
0
8.3ms
1cycle
8.3ms
10
15
20
25
30
35
0
0
0.2
Ta(℃)
FIG1 Io-Ta Curve
160
sine wave R-load
with heatsink
40
80
120
0.4
0.6
0.8
1.0
1.2
①
②
soldering land
1mm× 1mm
1mm× 1mm
conductor layer
35um
20um
substrate thickness
0.64mm
① on glass-epoxi substrate
② on alumina substrate
FIG 3: TYPICAL FORWARD CHARACTERISTICS
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
0.02
0.4
0.1
0 2
0.4
1.0
2 0
4.0
10
20
VF(V)
0 6
0.8
1.0
1.2
1.4
1.6
1 8
MBUS1JS-MBUS1MS
MBUS1GS
MBUS1BS-MBUS1DS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com