Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBUS1GS Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MBUS1GS
Description  Fast Recovery Diode Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MBUS1GS Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MBUS1GS Datasheet HTML 1Page - First Silicon Co., Ltd MBUS1GS Datasheet HTML 2Page - First Silicon Co., Ltd MBUS1GS Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2013 10 22
2/3
Revision No : 0
MBUS1BS ~ MBUS1MS
■
Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Max
Item
Symbol Unit
Test Condition
BS
DS
GS
JS
KS MS
Peak Forward Voltage
VFM
V
IFM=0.4A, Pulse
measurement, Rating of per
diode
1.0
1.30
1.70
Peak Reverse Current
IRRM
μ
A
VRM=VRRM , Pulse
measurement, Rating of per
diode
10
Reverse Recovery Time
Trr
ns
IF=0.5A IRM=1A
IRR=0.25A
50
75
Between junction and
ambient, On alumina
substrate
76
RθJ-A
Between junction and
ambient, On glass-
epoxi substrate
134
Thermal Resistance
RθJ-L
℃
/W
Between junction and
lead
20



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com