Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28104 Datasheet(PDF) 2 Page - VITALCONN ELECTRONICS HK LTD.

Part # SC28104
Description  SFP28 2*8 CONN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

SC28104 Datasheet(HTML) 2 Page - VITALCONN ELECTRONICS HK LTD.

  SC28104 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. SC28104 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. SC28104 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. SC28104 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RoHS Compliant
R LIGHT PIPE
GHT PIPE
LIGHT PIPE C
TAIL B
OUTER LI
TYPE3_INNER
GHT PIPE
ONFIGURATION
OUTER LI
INNER LI
L11
L20
DETA
A
SC
IL A
2:1
LE
SEE DE
L1
INNER LI
L
GHT PIPE
GHT PIPE
10
T20
T1
T10
11
T
Y
P EE
P
I
T
H
G
I
L
4
PE2
IPE
T
P
T
H
G
I
L
NONE
TYPE1
IGHT PIPE
TYPE7_2 OUTE
TYPE6_3 L
SCALE 2:1
ONFIGURATION
TYPE4_OUTER LIGHT PIPE
LIGHT PIPE
DETAIL B
LIGHT PIPE C
SC28101
SC28102
SC28103
SC28104
SC28105
SC28106



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com