Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1ACOS Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 1ACOS
Description  1W - Single output AC-DC converter - Universal input - Non-isolated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

1ACOS Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  1ACOS Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 1ACOS Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 1ACOS Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 1ACOS Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 4
1ACOS_S – Rev. 2020-1.0
Specifications subject to change without notice.
1ACOS_S Series
1W - Single output AC-DC converter - Universal input - Non-isolated
Wide input voltage range:
85~305VAC/70~430VDC
Operating temperature range:
-40°C to +85°C
Compact size, open frame
High reliability, green power
Industrial-grade design
Over output current protection
Short circuit protection (SCP)
EN62368 safety approval
Flexible selection of EMC
addtional circuits, simplify
customer PCB layout
AC-DC Converter
1 Watt
The 1ACOS_S series is a highly efficient green power AC-DC Converter
series. It features wide input voltage range, accepting both DC and AC
input voltage, high efficiency and low power consumption. The pro-
ducts are widely used in industrial control instrumentation, electric po-
wer applications and smart home type applications, the need to meet
UL/CE safety certifications and lower demand for EMC compliance le-
vels. For extremely harsh EMC environment, we recommend using the
application circuit show of this datasheet.
Output specifications
Output voltage accuracy
±1.5% (typ), -7~+3% (max)
Line regulation (rated load)
±1.5% (typ)
Load regulation
±2.5% (typ)
Ripple & Noise* (p-p)
20MHz Bandwidth:
80mV (typ), 150mV (max)
Temperature coefficient
±0.12%/°C (typ)
Stand-by power consumption
0.3W (max)
Short circuit protection
Continuous, and auto resume
Over current protection
≥110%Io, self-recovery
Min. load
10%
* Ripple and Noise are measured by the method of parallel lines.
Input specifications
Input voltage range
85~305VAC, 70~430VDC
Input frequency
47~63Hz
Input current
115VAC
• 0.12A (max)
277VAC
• 0.06A (max)
Inrush current
115VAC
• 25A (typ)
277VAC
• 40A (typ)
Recommended eExternal
input fuse (special package
series include fuse)
1A/300V
Hot plug
Unavailable
Example:
1ACOS_05S
1 = 1Watt; AC = AC-DC; OS= case style; 05= 5Vout; S= single output
Approval
Model
Package
Power
[W]
Output
[Vo]
Output
[lo]
Ripple and Noise
[mV, typ/max]
Efficiency
[%, typ]
Capacitive load
[µF, max]
UL/CE
1ACOS_05S
16.13 x 15.10 x 9.50 mm
1
5V
200mA
80/150
57
500
Note:
1. External electrolytic capacitors are required to modules, more details refer to
typical applications;
2. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta=25°C, humidity<75%, nominal input voltage (115VAC and
230VAC) and rated output load;
3. In order to improve the efficiency at light load, there will be audible noise gene-
rated, but it does not affect product performance and reliability.
4. The module needs to be glued and fixed after assembly.
5. All index testing methods in this datasheet are based on our company corporate
standards;
6. We can provide product customization service, please contact our technicians
directly for specific information;
7. Products are related to laws and regulations: see „Features“ and „EMC“;
8. Our products shall be classified according to ISO14001 and related environmen-
tal laws and regulations, and shall be handled by qualified units.


Similar Part No. - 1ACOS

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
1AC-II FLUKE-1AC-II Datasheet
286Kb / 2P
1AC-II/1LAC-II VoltAlert The pocket-sized voltage detector
logo
CIT Relay & Switch
1AC12VDC.9D CIT-1AC12VDC.9D Datasheet
111Kb / 2P
Low coil power consumption
1AC12VDC.9R CIT-1AC12VDC.9R Datasheet
111Kb / 2P
Low coil power consumption
1AC12VDC1.3D CIT-1AC12VDC1.3D Datasheet
111Kb / 2P
Low coil power consumption
1AC12VDC1.3R CIT-1AC12VDC1.3R Datasheet
111Kb / 2P
Low coil power consumption
More results

Similar Description - 1ACOS

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
1ACM GAPTEC-1ACM Datasheet
1Mb / 4P
1W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
2ACEW GAPTEC-2ACEW Datasheet
3Mb / 5P
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACMW GAPTEC-3ACMW Datasheet
2Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACOS GAPTEC-3ACOS Datasheet
1Mb / 4P
3W - Single output AC-DC converter - Universal input - Non-isolated
5ACAW GAPTEC-5ACAW Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
25ACBEW GAPTEC-25ACBEW Datasheet
4Mb / 5P
25W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
60ACBE GAPTEC-60ACBE Datasheet
3Mb / 5P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
60ACMEB GAPTEC-60ACMEB Datasheet
1Mb / 4P
60W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
100ACMEB GAPTEC-100ACMEB Datasheet
1Mb / 3P
100W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
150ACMEA GAPTEC-150ACMEA Datasheet
1Mb / 3P
150W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com