Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ACEW Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 2ACEW
Description  2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

2ACEW Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  2ACEW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 2ACEW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 2ACEW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 2ACEW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 2ACEW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 5
2ACEW_4 – Rev. 2020-1.1
Specifications subject to change without notice.
Model
Power
[W]
Output voltage
[Vo; V]
Output current
[lo; mA]
Capacitive Load
[µF, max]
Efficiency
[%, typ]
2ACEW_03S4
2
3.3V
600
4000
65
2ACEW_05S4
2
5V
400
4000
70
2ACEW_09S4
2
9V
222
2200
72
2ACEW_12S4
2
12V
167
2200
76
2ACEW_15S4
2
15V
133
1000
76
2ACEW_24S4
2
24V
83
680
78
2ACEW_4 Series
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Wide input voltage range:
85-305VAC/120-430VDC
AC and DC dual-use (input
from the same terminal)
Efficiency up to 78%
Operating temperature range:
-40°C to +70°C
Isolation voltage: 4kVAC
Over current protection
Short circuit protection (SCP)
Meets CISPR32/EN55032
CLASS B
IEC62368, UL62368, EN62368
safety approved
AC-DC Converter
2 Watt
The 2ACEW_4 series are compact size power converters. It features wide
AC input and at the same time accepts DC input voltage, low power
consumption, high efficiency, high reliability, reinforced isolation. It
offers good EMC performance, and meets the international UL62368
and EN62368 standards, and they are widely used in industrial, power,
instrumentation, communication and civil applications. For extremely
harsh EMC environment, we recommend using the typical application
circuit show of this datasheet.
Input specifications
Input voltage range
85-305VAC, 120-430VDC
Input frequency
47~63Hz
Input current
115VAC
• 0.11A (typ)
230VAC
• 0.031A (typ)
Inrush current
115VAC
• 7A (typ)
230VAC
• 14A (typ)
Leakage current
0.25mA(max)
Recommended External
Input Fuse
• 1A/300VAC
• slow-blow
required
Hot plug
Unavailable
Example:
2ACEW_05S4
2 = 2Watt; AC = AC-DC; E = series; W = Wide input (2:1); 5Vout;
S = Single Output; 4 = 4kVAC isolation
Note:
1. If the product is not operated within the required load range, the product
performance cannot be guaranteed to comply with all parameters in the
datasheet;
2. Unless otherwise specified, parameters in this datasheet were measured under
the conditions of Ta = 25°C, humidity <75% with nominal input voltage and rated
output load;
3. All index testing methods in this datasheet are based on our company corporate
standards;
4. We can provide product customization service, please contact our technicians
directly for specific information;
5. Products are related to laws and regulations: see „Features“ and „EMC“;
6. Our products shall be classified according to ISO14001 and related environmen-
tal laws and regulations, and shall be handled by qualified units.
Output specifications
Voltage set accuracy
• 2ACEW_03S4: ±6%
• Others: ±5%
Line regulation (full load)
±2%
Load regulation (10% to 100%)
±5%
Ripple & Noise (peak-peak value)
20MHz Bandwidth:
100mV (typ), 200mV (max)
Temperature coefficient
0.04%/°C
Stand-by power consumption
0.2W
Short circuit protection
Hiccup, continuous, self-recovery
Over current protection
120%Io self-recovery
Hold-up time
Vin=230VAC: 50ms TYP
UL-62368-1 (E347551)


Similar Part No. - 2ACEW

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2AC VCC-2AC Datasheet
40Kb / 1P
Neon Circuit Component Lamps
logo
Honeywell Solid State E...
2AC110 HONEYWELL-2AC110 Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
2AC59 HONEYWELL-2AC59 Datasheet
116Kb / 2P
Interactive Catalog Replaces Catalog Pages
2AC59 HONEYWELL-2AC59 Datasheet
231Kb / 7P
Interactive Catalog Replaces Catalog Pages
2AC59 HONEYWELL-2AC59 Datasheet
117Kb / 2P
Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 2ACEW

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACBE GAPTEC-5ACBE Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACDM GAPTEC-5ACDM Datasheet
681Kb / 3P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACE GAPTEC-5ACE Datasheet
3Mb / 5P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACMEA GAPTEC-5ACMEA Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
10ACM GAPTEC-10ACM Datasheet
2Mb / 7P
10W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
75ACP GAPTEC-75ACP Datasheet
864Kb / 3P
75W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
150ACP GAPTEC-150ACP Datasheet
1Mb / 3P
150W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com