Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2ACEW Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 2ACEW
Description  2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

2ACEW Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  2ACEW_4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 2ACEW_4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 5
2ACEW_4 – Rev. 2020-1.1
Specifications subject to change without notice.
2ACEW_4 Series
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Efficiency
Typical application circuit
External circuit parameters
Model
FUSE
MOV
NTC
C1 (µF)
C2 (µF)
TVS
2ACEW_03S4
1A/300V,
slow-blow
required
S14K350
10D-11
1
330
SMBJ7.0A
2ACEW_05S4
220
SMBJ7.0A
2ACEW_09S4
100
SMBJ12A
2ACEW_12S4
100
SMBJ20A
2ACEW_15S4
100
SMBJ20A
2ACEW_24S4
100
SMBJ30A
EMC scompliance recommended circuit
2ACEW124S4
2ACEW12S4
2ACEW05S4
Note:
We recommend using an electrolytic capacitor with high
frequency, and low ESR rating for C2 (refer to manufacture’s
datasheet). Choose a Capacitor voltage rating with at least
20% margin, in other words not exceeding 80%. C1 is a ceramic
capacitor used for filtering high-frequency noise and TVS is a
recommended suppressor diode to protect the application in
case of a converter failure.
2ACEW24S4
2ACEW12S4
2ACEW05S4
Components
Recommended value
MOV
S14K350
CY1, CY2
2.2nF/400VAC
CX
0.47µF/305VAC
LCM
10mH
R1
47Ω/3W
FUSE
1A/300V, slow-blow required



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com