Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5ACDM Datasheet(PDF) 1 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5ACDM
Description  5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5ACDM Datasheet(HTML) 1 Page - GAPTEC Electronic GmbH & Co. KG

  5ACDM Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5ACDM Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5ACDM Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 1 of 3
5ACDM – Rev. 2020-1.4
Specifications subject to change without notice.
5ACDM Series
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Wide input voltage range:
90~264VAC/120~370VDC
Short circuit protection (SCP)
Overload, over-voltage
protection
High efficiency up to 85%
High safety isolation 3000VAC
Ultra-slim SIP package
Industrial grade
Meets UL/IEC/EN 60950-1,
UL/IEC/EN 62368-1
EMI EN55022, CLASS B
AC-DC Converter
5 Watt
The 5ACDM series is a high efficiency green power modules provided by
GAPTEC. The features of this series are: Accept either AC or DC
input, wide input voltage, high efficiency, low power consumption, safety
isolation etc. All models are particularly suitable for the applications such
as industrial, electric power, instrumentation, smart home which do not
have high requirement on EMC. EMC application circuit (EMC reference
EN55032) must be added if the products need to be applied to EMC harsh
environment.
Example:
5ACDM_05S3
5 = 5Watt; AC = AC-DC; DM = case style; 05 = 5Vout; S = Single
Output;
Note:
1. Module required dispensing fixed after assembled;
2. All specifications were measured at Ta = 25°C, humidity <75%, nominal input
voltage and rated output load unless otherwise specified;
3. All index testing methods in this datasheet are based on our Company’s
corporate standards;
4. The performance indexes of the product models listed in this manual are as
above, but some indexes of non-standard model products will exceed the above-
mentioned requirements, and please directly contact our technician for specific
information;
5. We can provide product customization service;
6. Specifications of this product are subject to changes without prior notice.
Output specifications
Item
Test condition
Min Typ
Max
Units
Output voltage
accuracy
• 3.3V/5V output
• Others
±3
±2
%
%
Min. load
0
%
Line regulation
Io nom,Vi min…Vi max
±1
%
Load regulation
±1
%
Temperature drift
100% full load
±0.05
%/°C
Ripple & Noise*
20MHz Bandwidth
480
mV
Transient response
setting time
Vi nom, Io nom
= ←→0.5 Io nom
1000
µs
Switching
frequency
Full load, nominal input
65
KHz
Over-load
Protection
≥ 110% rated output power,
Recovers automatically after
fault condition is removed
Over-voltage
Protection
Zener clamp diode, 120%-150%
rated output Vvoltage
* Ripple & noise is measured by using 20 MHz bandwidth, measured with a 10uf
paralleled with a high-frequency 0.47uf capacitor across each output by full load.
Input specifications
Item
Test condition
Min
Typ
Max
Units
Input voltage range
• AC Input
• DC Input
90
120
264
370
VAC
VDC
Input frequency
47
50/60 63
Hz
Input fuse
VDE/UL/CCC FUSE 2.5A/250V (Slow blow)
Inrush current
• 115VAC
• 230VAC
10
20
A
A
Common specifications
Short circuit protection:
Continuous, automatic recovery
Temperature rise at full load:
25°C TYP
Cooling:
Free air convection
Operation temperature range:
-25°C – +70°C
Storage temperature range:
-40°C – +85°C
Welding temperature:
Wave-soldering: 250±10°C; time:5~10s
Manual-welding: 360±10°C; time:3~5s
Storage humidity range:
< 95%
Safety standard:
Design refer to UL60950-1, IEC60950-1
EMI Conduction & Radiation:
Design refer to EN55022, CLASS B
EMS Immunity:
Design refer to EN61000
Hot plug:
Unavailable
Case material:
Plastic [UL94-V0]
MTBF (MIL-HDBK-217F@25°C):
>328,000 hours, Ground Benign
Dimensions (LxWxH):
25.4x25.4x16.1 mm
Weight:
20g
Isolation specifications
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Input/Output,
5mA/5sec
3000
VAC
Isolation resistance
Input/Output,
@500 Vdc
100
MΩ
UL-62368-1 (E347551)


Similar Part No. - 5ACDM

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5AC VCC-5AC Datasheet
40Kb / 1P
Neon Circuit Component Lamps
logo
Bivar, Inc.
5AC BIVAR-5AC Datasheet
452Kb / 4P
STD PANEL MOUNT INDICATORS
12/20/05
logo
GAPTEC Electronic GmbH ...
5ACAW GAPTEC-5ACAW Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW_03S4 GAPTEC-5ACAW_03S4 Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW_05S4 GAPTEC-5ACAW_05S4 Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results

Similar Description - 5ACDM

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2ACEW GAPTEC-2ACEW Datasheet
3Mb / 5P
2W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
3ACM GAPTEC-3ACM Datasheet
1Mb / 5P
3W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACAW GAPTEC-5ACAW Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACBE GAPTEC-5ACBE Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACE GAPTEC-5ACE Datasheet
3Mb / 5P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACM GAPTEC-5ACM Datasheet
1Mb / 4P
5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
5ACMEA GAPTEC-5ACMEA Datasheet
1Mb / 4P
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
10ACM GAPTEC-10ACM Datasheet
2Mb / 7P
10W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
15ACE GAPTEC-15ACE Datasheet
3Mb / 6P
15W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
30ACMEB GAPTEC-30ACMEB Datasheet
1Mb / 4P
30W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com