Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5ACE Datasheet(PDF) 2 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5ACE
Description  5W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5ACE Datasheet(HTML) 2 Page - GAPTEC Electronic GmbH & Co. KG

  5ACE Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 5ACE Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 2 of 5
5ACE_4 – Rev. 2019-1.0
Specifications subject to change without notice.
5ACE_4 Series
5W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Common specifications
Operating temperature range
-40°C ~ +70°C
Power derating temperature range
• 55°C ~ 70°C:
3%/°C
• -40°C ~ 0°C:
1.13%/°C
• 85-100VAC:
1%/VAC
Storage temperature range
-40°C ~ +105°C
Humidity
95% MAX
Soldering temperature
• Wave-soldering: 260 ± 5°C; time: 5 - 10s
• Manual-welding: 360 ± 10°C; time: 3 - 5s
Temperature coefficient
0.02%/°C
Switching frequency
100kHz TYP
I/O-isolation voltage
4000VAC/1Min (Electric strength test for 1min., leakage current <5mA)
EMC / EMI / CE
CISPR32/EN55032,
CLASS A
CLASS B (see EMC recommended circuit)
EMC / EMI / RE
CISPR32/EN55032,
CLASS A
CLASS B (see EMC recommended circuit)
EMC / EMI / ESD
IEC/EN 61000-4-2
Contact ±6KV / Air ±8KV
perf. Criteria B
EMC / EMI / RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
EMC / EMI / EFT
IEC/EN 61000-4-4
± 2kV (see typical applications circuit)
perf. Criteria B
EC/EN 61000-4-4
± 4kV (see EMC recommended circuit)
perf. Criteria B
EMC / EMI / Surge
IEC/EN 61000-4-5
line to line ±1KV (see typical applications circuit)
perf. Criteria B
IEC/EN 61000-4-5
line to line ±2KV / line to ground ±4KV
perf. Criteria B
(see EMC recommended circuit)
EMC / EMI / CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
EMC / EMI / Voltage dips, short and
interruptions immunity
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Safety standards
IEC62368/EN62368/UL62368
Safety certification
IEC62368/EN62368/UL62368
Safety class
CLASS II
MTBF
>300,000h @25°C
Case material
UL94V-0
Install
PCB mounting, Chassis mounting with Screw Terminals, Din rail mounting
Package
• 37.00 x 24.50 x 18.00 mm (PCB mounting)
• 76.00 x 31.50 x 26.80 mm (Chassis mounting with Screw Terminals)
• 76.00 x 31.50 x 31.40 mm (DIN rail mounting)
Weight
• 25g (PCB mounting)
• 47g (Chassis mounting with Screw Terminals)
• 69g (DIN rail mounting)
Typical characteristics
5ACE
5ACE
5ACE
5ACE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com