Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5ACFEW Datasheet(PDF) 4 Page - GAPTEC Electronic GmbH & Co. KG

Part # 5ACFEW
Description  5Watt AC-DC converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

5ACFEW Datasheet(HTML) 4 Page - GAPTEC Electronic GmbH & Co. KG

  5ACFEW Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG 5ACFEW Datasheet HTML 6Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 4 of 6
5ACFEW_3 – Rev. 2020-1.1
Specifications subject to change without notice.
5Watt - AC-DC converter
5ACFEW_3 series
Electromagnetic Compatibility Solution-Recommended Circuit
recommended circuit 1
1. Application circuit 1—Basic application
Application environmental
Ambient temperature range
Immunity CLASS
Emissions CLASS
Basic application
-40°C to +85°C
CLASS III
CLASS A
FUSE (required)
1A/300V, slow-blow
R1 (required)
12Ω/3W
LDM
4.7mH/Max: 15Ω/Min: 0.2A
recommended circuit 2
2. Application circuit 2—Indoor civil / Universal system recommended circuits for general environment
Application environmental
Ambient temperature range
Immunity CLASS
Emissions CLASS
Indoor civil /general
-25°C to +55°C
CLASS III
CLASS B
Component
Recommended value
R1 (required)
12Ω/3W
LDM
1.2mH/Max: 4.0Ω/Min: 0.2A
CX
0.1μF/310VAC
FUSE (required)
1A/300V, slow-blow
Note
1: In the home appliance application environment, the two Y capacitors of the primary and secondary need to be externally connected
(CY1/CY2, value at 2.2nF/250VAC), which can meet the EN60335 certification.
2: According to the certification requirements, the X capacitor needs to be connected in parallel with the bleeder resistance, the
recommended resistance value is less than 3.8MΩ, and the actual need to be selected according to the certification standard.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com