Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20ACE Datasheet(PDF) 3 Page - GAPTEC Electronic GmbH & Co. KG

Part # 20ACE
Description  20W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAPTEC [GAPTEC Electronic GmbH & Co. KG]
Direct Link  https://gaptec-electronic.com/
Logo GAPTEC - GAPTEC Electronic GmbH & Co. KG

20ACE Datasheet(HTML) 3 Page - GAPTEC Electronic GmbH & Co. KG

  20ACE_4 Datasheet HTML 1Page - GAPTEC Electronic GmbH & Co. KG 20ACE_4 Datasheet HTML 2Page - GAPTEC Electronic GmbH & Co. KG 20ACE_4 Datasheet HTML 3Page - GAPTEC Electronic GmbH & Co. KG 20ACE_4 Datasheet HTML 4Page - GAPTEC Electronic GmbH & Co. KG 20ACE_4 Datasheet HTML 5Page - GAPTEC Electronic GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GAPTEC-Electronic GmbH & Co. KG
sales@gaptec-electronic.com – www.gaptec-electronic.com
Page 3 of 5
20ACE_4 – Rev. 2020-1.2
Specifications subject to change without notice.
20ACE_4 series
20W- Single Output AC-DC Converter - Universal Input - Isolated & Regulated
Typical characteristics
Typical application circuit
Model
FUSE
MOV
C1
C2
TVS
20ACE_03S4
3.15A/250V,
slow fusing,
necessary
S20K300
1μF/50V
220μF/16V
SMBJ7.0A
20ACE_05S4
220μF/16V
SMBJ7.0A
20ACE_09S4
120μF/25V
SMBJ12A
20ACE_12S4
120μF/25V
SMBJ20A
20ACE_15S4
120μF/25V
SMBJ20A
20ACE_24S4
68μF/35V
SMBJ30A
Model
FUSE
20ACE_03S4
470μF/16V (Solid capacitor)
20ACE_05S4
470μF/16V (Solid capacitor)
20ACE_09S4
470μF/16V (Solid capacitor)
20ACE_12S4
390μF/25V
20ACE_15S4
390μF/25V
20ACE_24S4
220μF/35V
Note:
1. Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capaci-
tor with high frequency and low resistance. For capacitance and current of capacitor please refer to
manufacture’s datasheet. Capacitor voltage reduced to at least 80%. C1 is ceramic capacitor, which
is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if
converter fails.
2.The product in the application must connect external electrolytic capacitors C2, to achieve lower
ripple noise and better dynamic load performance.
3.When the product’s output terminal is connected to high frequency switch type load, electrolytic
capacitor C2’s selection is as shown in table 2.
Table 1
Table 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com