Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3313 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC3313
Description  Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC3313 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC3313 Datasheet HTML 1Page - Panasonic Semiconductor 2SC3313 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC3313
Silicon NPN epitaxial planer type
For high-frequency amplification
s Features
q
Optimum for high-density mounting.
q
Allowing supply with the radial taping.
q
Optimum for RF amplification of FM/AM radios.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
EIAJ:SC–72
3:Base
New S Type Package
4.0
±0.2
marking
2.54
±0.15
1.27
1.27
123
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
5
30
300
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Common emitter reverse transfer capacitance
Reverse transfer impedance
Transition frequency
Symbol
VCBO
VCEO
VEBO
hFE
*
Cre
Zrb
fT
Conditions
IC = 10µA, IE = 0
IC = 2mA, IB = 0
IE = 10µA, IC = 0
VCE = 10V, IC = 1mA
VCE = 10V, IC = 1mA, f = 10.7MHz
VCB = 10V, IE = –1mA, f = 2MHz
VCB = 10V, IE = –1mA, f = 200MHz
min
30
20
5
70
150
typ
250
max
250
1.6
60
Unit
V
V
V
pF
Ω
MHz
*h
FE Rank classification
Rank
B
C
hFE
70 ~ 160
110 ~ 250


Similar Part No. - 2SC3313

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3310 TOSHIBA-2SC3310 Datasheet
44Kb / 1P
SILICON NPN TRIPLE DIFFUSED TYPE
logo
Savantic, Inc.
2SC3310 SAVANTIC-2SC3310 Datasheet
172Kb / 5P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3310 ISC-2SC3310 Datasheet
192Kb / 5P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3310 SAVANTIC-2SC3310 Datasheet
173Kb / 5P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC3310 NJSEMI-2SC3310 Datasheet
133Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC3313

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD874 PANASONIC-2SD874 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com