Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT48WS Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # BAT48WS
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

BAT48WS Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  BAT48WS Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd BAT48WS Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd BAT48WS Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
0
5
10
15
20
25
30
10
20
30
40
50
0
25
50
75
100
125
0
50
100
150
200
250
0
100
200
300
400
500
600
0.1
1
10
100
010
20
30
40
0.1
1
10
100
1000
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
f=1MHz
Reverse Characteristics
Forward Characteristics
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
℃
T
a
=25℃
T
a
=100℃
FORWARD VOLTAGE
V
F
(mV)
350
T
a
=25℃
T
a
=100℃
REVERSE VOLTAGE
V
R
(V)
BAT48WS
Rev 2.0 :
www.leiditech.com
12.01.2019
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com