Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # HER201
Description  High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 2.0 Ampers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

HER201 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  HER201 Datasheet HTML 1Page - First Silicon Co., Ltd HER201 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SEMICONDUCTOR
TECHNICAL DATA
HER201 ~ HER208
2012 10 30
1/2
Revision No : 0
Reverse Voltage 50V~1000 Volts , Forward Current 2.0 Ampers
High Efficiency Rectifiers
Features
Mechanical Data
Maximum Ratings and Electrical Characteristics
Low Power Loss, High Efficiency
℃
℃
℃
℃
℃
uA
uA
1 0(25.4)
MIN
.300(7 60)
.228(5 80)
035(0.90)
028(0.70)
.142(3.60)
.102(2.60)
1 0(25.4)
MIN
DO-204AC(DO-15 )
Unit: in inches (millimeters)
HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
2.0
60
2.0A DC
5


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
FR201 KINGTRONICS-FR201 Datasheet
168Kb / 2P
FAST RECOVERY RECTIFIERS Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
logo
GOOD-ARK Electronics
SF201 GOOD-ARK-SF201_15 Datasheet
194Kb / 2P
Super Fast Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER2001 GOOD-ARK-HER2001_15 Datasheet
153Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
HER201 GOOD-ARK-HER201_15 Datasheet
190Kb / 2P
High Efficient Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 2.0 Amperes
logo
E-CMOS Corporation
EC76DSS22 E-CMOS-EC76DSS22 Datasheet
170Kb / 2P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 100 Volts Forward Current 2.0 Ampers
EC76SK22 E-CMOS-EC76SK22 Datasheet
141Kb / 3P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 2.0 Ampers
logo
First Silicon Co., Ltd
HER301 FS-HER301 Datasheet
573Kb / 2P
High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 3.0 Ampers
HER501 FS-HER501 Datasheet
494Kb / 2P
High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 5.0 Ampers
HER601 FS-HER601 Datasheet
691Kb / 2P
High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 6.0 Ampers
UF5400 FS-UF5400 Datasheet
449Kb / 2P
Glass Passivated High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 3.0 Ampers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com