Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF730F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # IRF730F
Description  6.0A, 400V, 1.0廓 N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

IRF730F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  IRF730F Datasheet HTML 1Page - First Silicon Co., Ltd IRF730F Datasheet HTML 2Page - First Silicon Co., Ltd IRF730F Datasheet HTML 3Page - First Silicon Co., Ltd IRF730F Datasheet HTML 4Page - First Silicon Co., Ltd IRF730F Datasheet HTML 5Page - First Silicon Co., Ltd IRF730F Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2014. 12. 18
1/6
SEMICONDUCTOR
TECHNICAL DATA
IRF730/F
Revision No : 0
6.0A, 400V, 1.0Ω
N-CHANNEL POWER MOSFET
DESCRIPTION
FEATURES
* 6.0A, 400V, RDS(ON)
=1.0Ω
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
SYMBOL
* Single Pulse Avalanche EnergyRated
* Linear Transfer Characteristics
* High Input Impedance
G
D
S
IRF730 is 400V High voltage N-Channel enhancement
mode power MOS-FET chip fabricated in advanced
silicon epitaxial planar technology;
Advanced termination scheme to provide enhanced voltage-
blocking capability;
Avalanche Energy Specified;
Source-to-Drain Diode Recovery Time Comparable to a
Discrete Fast Recovery Diode;
IRF730 product is widely used in AC-DC power
suppliers, DC-DC converters and H-bridge PWM motor
drivers.
Power MOS FET
TO - 220
1
1
TO - 220F
P :
F :
ORDERING INFORMATION
Ordering Number
Pin Assignment
Package
1
2
3
Packing
IRF730
TO-220
G
D
S
Tube
IRF730F
TO-220F
G
D
S
Tube
Note: Pin Assignment:
G: Gate
D: Drain
S: Source


Similar Part No. - IRF730F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF730FI ISC-IRF730FI Datasheet
65Kb / 2P
isc N-Channel MOSFET Transistor
logo
First Components Intern...
IRF730FP FCI-IRF730FP Datasheet
451Kb / 3P
6.0A 400V N CHANNEL POWER MOSFET
More results

Similar Description - IRF730F

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP19N40 FAIRCHILD-FDP19N40 Datasheet
264Kb / 9P
N-Channel MOSFET 400V, 19A, 0.24廓
logo
Tak Cheong Electronics ...
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF740 TAK_CHEONG-TFF740 Datasheet
281Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
TFP8N60 TAK_CHEONG-TFP8N60 Datasheet
762Kb / 8P
N-Channel Power MOSFET 8A, 600V, 1.0廓
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFP740 TAK_CHEONG-TFP740 Datasheet
302Kb / 7P
N-Channel Power MOSFET 10A, 400V, 0.55廓
logo
Unisonic Technologies
UF740 UTC-UF740_11 Datasheet
336Kb / 6P
10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF730 FCI-IRF730 Datasheet
100Kb / 3P
6.0A 400V N CHANNEL POWER MOSFET
IRF730FP FCI-IRF730FP Datasheet
451Kb / 3P
6.0A 400V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com