Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC97A6 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # MAC97A6
Description  TRIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

MAC97A6 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  MAC97A6 Datasheet HTML 1Page - First Silicon Co., Ltd MAC97A6 Datasheet HTML 2Page - First Silicon Co., Ltd MAC97A6 Datasheet HTML 3Page - First Silicon Co., Ltd MAC97A6 Datasheet HTML 4Page - First Silicon Co., Ltd MAC97A6 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2016. 01. 12
2/5
MAC97A6
Revision No : 0
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
T
I
N
U
X
A
M
N
I
M
s
n
o
it
i
d
n
o
c
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Rated repetitive peak off-state voltage
VDRM,VRRM
ID=10μA
600
V
Rated repetitive peak off-state current
IDRM
VD=VDRM
10
μA
On-state voltage
VTM
IT=1A,IG=50mA
1.9
V
I
T2
A
m
5
)
+
(
G
,)
+
(
II
T2
A
m
5
)-
(
G
,)
+
(
III
T2
A
m
5
)-
(
G
,)
-(
Gate trigger current
IV
IGT
T2(-), G(+)
VD=12V
RL=100Ω
-
mA
I
T2
V
5
.
1
)
+
(
G
,)
+
(
II
T2
V
5
.
1
)-
(
G
,)
+
(
III
T2
V
5
.
1
)-
(
G
,)
-(
Gate trigger voltage
IV
VGT
T2(-), G(+)
VD=12V
RL=100Ω
-
V
Holding current
IH
IT=600mA ,IG=20mA
10
mA
Typical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com