Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC817S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # PC817S
Description  1-CHANNEL TRANSISTOR OUTPUT TYPE PHOTO COUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

PC817S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  PC817S Datasheet HTML 1Page - First Silicon Co., Ltd PC817S Datasheet HTML 2Page - First Silicon Co., Ltd PC817S Datasheet HTML 3Page - First Silicon Co., Ltd PC817S Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2016. 07. 30
2/4
Revision No : 0
PC817
MAXIMUM RATING (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Input
Forward Current
IF
50
mA
Reverse Voltage
VR
6
V
Power Dissipation
PD
70
mW
Output
Collector Power Dissipation
PC
150
mW
Collector Current
IC
50
mA
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
6
V
Total Power Dissipation
Ptot
200
mW
Isolation Voltage
VISO
5000
Vrms
Operating Temperature
Topr
-50 110
Storage Temperature
Tstg
-55~125
Soldering Temperature
Tsol
260
ELECTRO-OPTICAL CHARACTERISTICS (Ta=25℃ unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input
Forward
VF
IF=20mA
-
1.2
1.4
V
Reverse Current
IR
VR=4V
-
-
10
uA
Terminal Capacitance
Ct
V=0, f=1kHz
-
30
250
pF
Output
Collector Dark Current
ICEO
VCE=20V, IF=0
-
-
100
nA
Collector-Emitter Breakdown
Voltage
BVCEO
IC=0.1mA, IF=0
80
-
-
V
Emitter-Collector Breakdown
Voltage
BVECO
10uA, IF=0
6
-
-
V
Transfer
Characteristics
*Current Transfer Ratio
CTR
IF=5mA, VCE=5V
50
-
600
%
Collector-Emitter Saturation
Voltage
VCE(sat)
IF=20mA, IC=1mA
-
0.1
0.2
V
Isolation Resistance
RISO
DC500V, 40~60% R.H.
5 1010 1 1011
-
Floating Capacitance
Cf
V=0, f=1MHz
-
0.6
1.0
pF
Cut-off Frequency
FC
VCE=5V, IC=2mA, RL=100 , -3dB
-
80
-
kHz
Rise Time
Tr
VCE=2V, IC=2mA, RL=100
-
4
18
us
Fall Time
Tf
VCE=2V, IC=2mA, RL=100
-
3
18
us
* CTR =
100%
IF
IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com